Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9221 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE9221
Description  Precision 7mm Sexless to BNC Male Adapter
File Size   246.9 Kbytes
Html View  1   2 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9221 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE9221

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9220 PASTERNACK-PE9220 Datasheet
242Kb / 3P
Precision 7mm Sexless to BNC Female Adapter
PE9222 PASTERNACK-PE9222 Datasheet
241Kb / 2P
GR874 Sexless to BNC Female Adapter
PE9223 PASTERNACK-PE9223 Datasheet
79Kb / 1P
GR874 TO BNC MALE
PE9224 PASTERNACK-PE9224 Datasheet
83Kb / 1P
TWINAX T FEMALE-FEMALE-FEMALE
PE9225 PASTERNACK-PE9225 Datasheet
75Kb / 1P
SC T FEMALE-MALE-FEMALE
More results


Similar Description - PE9221

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9220 PASTERNACK-PE9220 Datasheet
242Kb / 3P
Precision 7mm Sexless to BNC Female Adapter
PE9214 PASTERNACK-PE9214 Datasheet
242Kb / 2P
Precision SMA Female to 7mm Sexless Adapter
PE9215 PASTERNACK-PE9215 Datasheet
234Kb / 2P
Precision SMA Male to 7mm Sexless Adapter
PE9217 PASTERNACK-PE9217 Datasheet
248Kb / 3P
Precision N Male to 7mm Sexless Adapter
PE9325 PASTERNACK-PE9325 Datasheet
254Kb / 3P
Precision 3.5mm Female to 7mm Sexless Adapter
PE9326 PASTERNACK-PE9326 Datasheet
255Kb / 2P
Precision 3.5mm Male to 7mm Sexless Adapter
PE9356 PASTERNACK-PE9356 Datasheet
251Kb / 3P
Precision SSMA Female to 7mm Sexless Adapter
PE9509 PASTERNACK-PE9509 Datasheet
257Kb / 3P
Precision 7/16 DIN Male to 7mm Sexless Adapter
PE9214 PASTERNACK-PE9214 Datasheet
242Kb / 2P
Precision SMA Female to 7mm Sexless Adapter
PE9217 PASTERNACK-PE9217 Datasheet
248Kb / 3P
Precision N Male to 7mm Sexless Adapter
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com