Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE2237-20 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE2237-20
Description  N FEMALE DIRECTIONAL COUPLER 800-2500 MHZ, 20DB
File Size   147.38 Kbytes
Html View  1 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2237-20 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE2237-20

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2237-10 PASTERNACK-PE2237-10 Datasheet
147Kb / 1P
N FEMALE DIRECTION COIPLER,800-2500 MHZ, 10DB
PE2237-30 PASTERNACK-PE2237-30 Datasheet
147Kb / 1P
N FEMALE DIRECTIONAL COUPLER, 800-2500 MHZ, 30DB
PE2237-6 PASTERNACK-PE2237-6 Datasheet
214Kb / 3P
Directional 6 dB N Coupler From 800 MHz to 2.5 GHz Rated To 60 Watts
More results


Similar Description - PE2237-20

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZNDC-20-2G MINI-ZNDC-20-2G Datasheet
109Kb / 1P
Directional Coupler 50??20dB 800 to 2000 MHz
logo
Anaren Microwave
XC3500P-20S ANAREN-XC3500P-20S Datasheet
608Kb / 22P
20dB Directional Coupler
logo
Pasternack Enterprises,...
PE2237-30 PASTERNACK-PE2237-30 Datasheet
147Kb / 1P
N FEMALE DIRECTIONAL COUPLER, 800-2500 MHZ, 30DB
PE2238-6 PASTERNACK-PE2238-6 Datasheet
107Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER 800-2500 MHz 6 dB
PE2238-10 PASTERNACK-PE2238-10 Datasheet
106Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, 800-2500 MHz, 10dB
PE2238-20 PASTERNACK-PE2238-20 Datasheet
106Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER, 800-2500 MHz 20dB
PE2238-30 PASTERNACK-PE2238-30 Datasheet
106Kb / 1P
SMA FEMALE DIRECTIONAL COUPLER 800-2500 MHz 30 dB
logo
Anaren Microwave
XC1500A-20S ANAREN-XC1500A-20S_14 Datasheet
560Kb / 23P
20dB Directional Coupler
XC3500M-20S ANAREN-XC3500M-20S_09 Datasheet
563Kb / 23P
20dB Directional Coupler
X3C30F1-20S ANAREN-X3C30F1-20S Datasheet
1Mb / 18P
Directional Coupler 20dB
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com