Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9651 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE9651
Description  Precision 3.5mm Male to 2.4mm Female Adapter
File Size   239.38 Kbytes
Html View  1   2 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9651 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE9651

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9650 PASTERNACK-PE9650 Datasheet
234Kb / 2P
Precision 3.5mm Female to 2.4mm Male Adapter
PE9652 PASTERNACK-PE9652 Datasheet
235Kb / 2P
Precision 3.5mm Female to 2.4mm Female Adapter
PE9653 PASTERNACK-PE9653 Datasheet
255Kb / 3P
Precision SMA Male to 2.4mm Male Adapter
PE9654 PASTERNACK-PE9654 Datasheet
239Kb / 2P
Precision SMA Male to 2.4mm Female Adapter
PE9655 PASTERNACK-PE9655 Datasheet
253Kb / 3P
Precision SMA Female to 2.4mm Male Adapter
More results


Similar Description - PE9651

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9332 PASTERNACK-PE9332 Datasheet
110Kb / 1P
3.5mm MALE TO 3.5mm FEMALE, PRECISION ADAPTER
PE9452 PASTERNACK-PE9452 Datasheet
242Kb / 2P
Precision 2.4mm Male to 2.4mm Female Adapter
PE9649 PASTERNACK-PE9649 Datasheet
238Kb / 2P
Precision 3.5mm Male to 2.4mm Male Adapter
PE9650 PASTERNACK-PE9650 Datasheet
234Kb / 2P
Precision 3.5mm Female to 2.4mm Male Adapter
PE9652 PASTERNACK-PE9652 Datasheet
235Kb / 2P
Precision 3.5mm Female to 2.4mm Female Adapter
PE9677 PASTERNACK-PE9677 Datasheet
254Kb / 3P
Precision 3.5mm Male to 3.5mm Female Bulkhead Adapter
PE91291 PASTERNACK-PE91291 Datasheet
338Kb / 3P
3.5mm Female to 2.4mm Female Adapter
PE91292 PASTERNACK-PE91292 Datasheet
341Kb / 3P
3.5mm Female to 2.4mm Male Adapter
PE91293 PASTERNACK-PE91293 Datasheet
342Kb / 3P
3.5mm Male to 2.4mm Female Adapter
PE91294 PASTERNACK-PE91294 Datasheet
341Kb / 3P
3.5mm Male to 2.4mm Male Adapter
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com