Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7033-2 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE7033-2
Description  BNC FEMALE TWO STAGE BENCH MOUNT ROTARY ATTENUATOR, 1 WATT FREQUENCY RANGE: DC TO 2 GHz
File Size   254.23 Kbytes
Html View  1 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7033-2 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE7033-2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7033-2 PASTERNACK-PE7033-2 Datasheet
147Kb / 2P
0 to 80 dB Rotary Step Attenuator, BNC Female To BNC Female
PE7033-2 PASTERNACK-PE7033-2_14 Datasheet
147Kb / 2P
0 to 80 dB Rotary Step Attenuator, BNC Female To BNC Female
More results


Similar Description - PE7033-2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6041 PASTERNACK-PE6041 Datasheet
294Kb / 1P
BNC FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 2 GHz
PE7000-2 PASTERNACK-PE7000-2 Datasheet
241Kb / 3P
2 dB Fixed Attenuator, BNC Male To BNC Female Rated To 1 Watt Up To 2 GHz
PE7031-1 PASTERNACK-PE7031-1 Datasheet
89Kb / 1P
N ATTENUATOR MALE, TO FEMALE 300 WATT, FREQUENCY RANGE: DC TO 1 GHz
PE7034-1 PASTERNACK-PE7034-1 Datasheet
258Kb / 3P
0 to 1 dB Rotary Step Attenuator, BNC Female To BNC Female With 0.1 dB Step Rated To 1 Watt Up To 1 GHz
PE7034-4 PASTERNACK-PE7034-4 Datasheet
258Kb / 3P
0 to 70 dB Rotary Step Attenuator, BNC Female To BNC Female With 10 dB Step Rated To 1 Watt Up To 2 GHz
PE7000-1 PASTERNACK-PE7000-1 Datasheet
240Kb / 3P
1 dB Fixed Attenuator, BNC Male To BNC Female Rated To 1 Watt Up To 2 GHz
PE7033 PASTERNACK-PE7033 Datasheet
88Kb / 1P
TWO STAGE BENCH ROTARY ATTENUATOR FREQUENCY RANGE: DC TO 2 GHz
PE7034-3 PASTERNACK-PE7034-3 Datasheet
258Kb / 3P
0 to 10 dB Rotary Step Attenuator, BNC Female To BNC Female With 1 dB Step Rated To 1 Watt Up To 2 GHz
PE7034-5 PASTERNACK-PE7034-5 Datasheet
258Kb / 3P
0 to 100 dB Rotary Step Attenuator, BNC Female To BNC Female With 10 dB Step Rated To 1 Watt Up To 2 GHz
PE7058-1 PASTERNACK-PE7058-1 Datasheet
96Kb / 1P
THREE STAGE BENCH MOUNT ROTARY ATTENUATOR FREQUENCY RANGE: DC TO 1 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com