Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECSR400 Datasheet (PDF) - Cooper Bussmann, Inc.

Part # ECSR400
Description  Class RK5 600Vac, 70 to 600A Dual-Element, Time-Delay Fuses
File Size   289.61 Kbytes
Html View  1   2 
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

ECSR400 Datasheet (PDF) - Cooper Bussmann, Inc.



Similar Part No. - ECSR400

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
ECSR EATON-ECSR Datasheet
197Kb / 2P
Class RK5 600Vac, 1 to 60A Dual-Element, Time-Delay Fuses
ECSR30 EATON-ECSR30 Datasheet
197Kb / 2P
Class RK5 600Vac, 1 to 60A Dual-Element, Time-Delay Fuses
logo
E-CMOS Corporation
ECSRV05-04 E-CMOS-ECSRV05-04 Datasheet
219Kb / 3P
Low Capacitance TVS Diode Array
More results


Similar Description - ECSR400

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FRN-R-30 COOPER-FRN-R-30 Datasheet
332Kb / 2P
Dual-Element, Time-Delay Fuses Class RK5 - 250 Volt
FRS-R-600 COOPER-FRS-R-600 Datasheet
207Kb / 3P
FRS-R 600Vac/300Vdc, 65-600A, Dual Element, Time-Delay Fuses
logo
List of Unclassifed Man...
ECNR60 ETC2-ECNR60 Datasheet
254Kb / 2P
Class RK5 250Vac, 1 to 60A Dual-Element, Time-Delay Fuses
logo
Cooper Bussmann, Inc.
FRS-R-50 COOPER-FRS-R-50 Datasheet
74Kb / 2P
Dual-Element, Time-Delay Fuses Class RK5 600 Volt
FRS-R-9 COOPER-FRS-R-9 Datasheet
83Kb / 2P
Class RK5, Dual-element, Time Delay
FRN-R-70 COOPER-FRN-R-70 Datasheet
577Kb / 4P
Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
logo
List of Unclassifed Man...
FRN-R-70 ETC2-FRN-R-70 Datasheet
577Kb / 4P
FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
FRN-R-70 EATON-FRN-R-70 Datasheet
577Kb / 4P
Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
LPJ-70SP EATON-LPJ-70SP Datasheet
820Kb / 4P
Low-Peak??LPJ Class J 600Vac/300Vdc, 70-600A, dual element, time-delay fuses
ECSR EATON-ECSR Datasheet
197Kb / 2P
Class RK5 600Vac, 1 to 60A Dual-Element, Time-Delay Fuses
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com