Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSW5DS5A31A-W1V Datasheet (PDF) - OptoSupply International

Part # OSW5DS5A31A-W1V
Description  5mm Round Module 1.2V Flashing LED 1.8HZ 1/2Cycle
File Size   114.58 Kbytes
Html View  1 
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSW5DS5A31A-W1V Datasheet (PDF) - OptoSupply International



Similar Part No. - OSW5DS5A31A-W1V

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW5D35141R OPTOSUPPLY-OSW5D35141R Datasheet
96Kb / 1P
Tpower 5mm Pure White LED
OSW5D356E1R OPTOSUPPLY-OSW5D356E1R Datasheet
97Kb / 1P
Tpower 4.8mm Straw Pure White LED
OSW5D38A61R OPTOSUPPLY-OSW5D38A61R Datasheet
97Kb / 1P
Tpower 8mm Pure White LED
OSW5D3A131U OPTOSUPPLY-OSW5D3A131U Datasheet
100Kb / 1P
Premium Power 10mm Pure White LED
OSW5D3A151R OPTOSUPPLY-OSW5D3A151R Datasheet
95Kb / 1P
Tpower 10mm Pure White LED
More results


Similar Description - OSW5DS5A31A-W1V

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSBWDS5A32A-W1V OPTOSUPPLY-OSBWDS5A32A-W1V Datasheet
114Kb / 1P
5mm Round Module 1.2V Bi-Color Flashing LED 1.8HZ 1/2Cycle
OSR5MS5A31A-1V OPTOSUPPLY-OSR5MS5A31A-1V Datasheet
73Kb / 1P
5mm Round Module 1.2V Flashing LED 1.8HZ 1/2Cycle
OSRBMS5A31A-1V OPTOSUPPLY-OSRBMS5A31A-1V Datasheet
115Kb / 1P
5mm Round Module 1.2V Bi-Color Flashing LED 1.8HZ 1/2Cycle
OST1MC5A31A-1V OPTOSUPPLY-OST1MC5A31A-1V Datasheet
113Kb / 1P
5mm Round Module 1.2V Full-Color Flashing LED 1.8HZ 1/2Cycle
OST1MC5A32A-1V OPTOSUPPLY-OST1MC5A32A-1V Datasheet
113Kb / 1P
5mm Round Module 1.2V Full-Color Flashing LED 1.8HZ 1/2Cycle
OST1MC5A32A-W1V OPTOSUPPLY-OST1MC5A32A-W1V Datasheet
113Kb / 1P
5mm Round Module 1.2V Full-Color Flashing LED 1.8HZ 1/2Cycle
OSW5DR5A31A-W1V OPTOSUPPLY-OSW5DR5A31A-W1V Datasheet
114Kb / 1P
5mm Round Module 1.2V Flashing LED 2.4HZ 1/12Cycle
OSXXXR5A31A-W1V OPTOSUPPLY-OSXXXR5A31A-W1V Datasheet
125Kb / 1P
5mm Round Module 1.2V Flashing LED
OSXXXS5A31A-W1V OPTOSUPPLY-OSXXXS5A31A-W1V Datasheet
127Kb / 1P
5mm Round Module 1.2V Flashing LED
OSXXXS5A32A1V_VER.A.2 OPTOSUPPLY-OSXXXS5A32A1V_VER.A.2 Datasheet
133Kb / 1P
5mm round module 1.2v bi-color flashing led 1.8hz 1/2cycle
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com