Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SXP Datasheet (PDF) - AVX Corporation

Part # SXP
Description  SMPS Molded Radial MLC Capacitors SXP Style for High Temperature Applications up to 200쨘C
File Size   101.76 Kbytes
Html View  1   2 
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SXP Datasheet (PDF) - AVX Corporation



Similar Part No. - SXP

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
SXP TRANSKO-SXP Datasheet
170Kb / 1P
STANDARD THROUGH HOLE OSCILLATOR (20.7 x 13.7 x 7.5mm)
Rev. 2: 01-30-19
logo
Honeywell Solid State E...
SXP01ALP HONEYWELL-SXP01ALP Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SXP01ALP HONEYWELL-SXP01ALP Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SXP01ALP HONEYWELL-SXP01ALP Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SXP01AP HONEYWELL-SXP01AP Datasheet
82Kb / 4P
Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
More results


Similar Description - SXP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
RM017A100JAN120 AVX-RM017A100JAN120 Datasheet
652Kb / 3P
RoHS Compliant SMPS Stacked MLC Capacitors
RMM AVX-RMM Datasheet
104Kb / 2P
RoHS Compliant SMPS Stacked MLC Capacitors (RMM Style) Extended Range
SMM4 AVX-SMM4 Datasheet
90Kb / 2P
SMPS Stacked MLC Capacitors (SMM Style) Extended Range
SE01 AVX-SE01 Datasheet
92Kb / 2P
SMPS Capacitors (SE Style) Extended Commercial Radial Range
SK01 AVX-SK01 Datasheet
94Kb / 2P
SMPS Capacitors (SK Style) Commercial Radial Range
SM01 AVX-SM01 Datasheet
186Kb / 18P
SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
SM91 AVX-SM91 Datasheet
80Kb / 3P
SMPS Stacked MLC Capacitors (SM9 Style) Technical Information on SMPS Capacitors
SMX AVX-SMX Datasheet
163Kb / 4P
SMPS Stacked MLC Capacitors SMX Style for High Temperature Applications up to 200쨘C
3640HC183KAT9A AVX-3640HC183KAT9A Datasheet
93Kb / 2P
High Voltage MLC Chips For 600V to 5000V Applications
T49470R01105KCJ AVX-T49470R01105KCJ Datasheet
186Kb / 18P
SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com