Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9669 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE9669
Description  Precision SMA Male to SMA Male 4 Hole Flange Adapter
File Size   260.15 Kbytes
Html View  1   2   3 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9669 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE9669

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9660 PASTERNACK-PE9660 Datasheet
242Kb / 2P
Precision 3.5mm Female to 2.92mm Female Adapter
PE9661 PASTERNACK-PE9661 Datasheet
251Kb / 2P
Precision 2.92mm Male to N Male Adapter
PE9662 PASTERNACK-PE9662 Datasheet
251Kb / 3P
Precision 2.92mm Male to N Female Adapter
PE9663 PASTERNACK-PE9663 Datasheet
248Kb / 3P
Precision 2.92mm Female to N Male Adapter
PE9664 PASTERNACK-PE9664 Datasheet
251Kb / 2P
Precision 2.92mm Female to N Female Adapter
More results


Similar Description - PE9669

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9275 PASTERNACK-PE9275 Datasheet
242Kb / 2P
4 Hole Flange SMA Female to N Male Adapter
PE9384 PASTERNACK-PE9384 Datasheet
267Kb / 3P
SMA Male to TNC Female 4 Hole Flange Adapter
PE9439 PASTERNACK-PE9439 Datasheet
251Kb / 2P
Precision SMA Male to TNC Male Adapter
PE9497 PASTERNACK-PE9497 Datasheet
260Kb / 3P
Precision SMA Male to N Female 4 Hole Flange Adapter
PE9498 PASTERNACK-PE9498 Datasheet
248Kb / 2P
Precision 4 Hole Flange SMA Female to N Male Adapter
PE9505 PASTERNACK-PE9505 Datasheet
245Kb / 3P
Precision SMA Male to SMA Male Adapter
PE91059 PASTERNACK-PE91059 Datasheet
454Kb / 3P
Precision SMA Female to SMP Male 4 Hole Flange Adapter Full Detent
PE91010 PASTERNACK-PE91010 Datasheet
245Kb / 3P
Precision SMA Male to 2.92mm Male Adapter
PE9499 PASTERNACK-PE9499 Datasheet
358Kb / 4P
Precision 4 Hole Flange Mount SMA Male to N Male Adapter
PE9671 PASTERNACK-PE9671 Datasheet
388Kb / 4P
SMA Male to SMA Female 4 Hole Flange Mount Adapter
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com