Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1082LP4E Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC1082LP4E
Description  GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 5.5 - 18 GHz
File Size   647.76 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1082LP4E Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC1082LP4E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1082LP4E AD-HMC1082LP4E Datasheet
796Kb / 10P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER
More results


Similar Description - HMC1082LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC441LC3B HITTITE-HMC441LC3B Datasheet
259Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC459 HITTITE-HMC459_07 Datasheet
287Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC441 HITTITE-HMC441_09 Datasheet
281Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC441LC3B HITTITE-HMC441LC3B_08 Datasheet
242Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC451LP3 HITTITE-HMC451LP3 Datasheet
931Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 5 - 18 GHz
HMC459 HITTITE-HMC459_09 Datasheet
277Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC633LC4 HITTITE-HMC633LC4 Datasheet
268Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 5.5 - 17 GHz
logo
Analog Devices
HMC441 AD-HMC441 Datasheet
372Kb / 8P
GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 6 - 18 GHz
HMC451LC3 AD-HMC451LC3 Datasheet
317Kb / 6P
Gaas PHEMT MMIC MEDIUM POWER aMPLIFIER
HMC1082CHIP AD-HMC1082CHIP Datasheet
378Kb / 15P
5.5 GHz to 18 GHz, GaAs, pHEMT, MMIC, Medium Power Amplifier
8/2020-Rev. A to Rev. B
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com