Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPA2813T1L Datasheet (PDF) - Renesas Technology Corp

Part # UPA2813T1L
Description  P-channel MOSFET ??0 V, ??7 A, 6.2 m廓
File Size   192.36 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA2813T1L Datasheet (PDF) - Renesas Technology Corp



Similar Part No. - UPA2813T1L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA2810 RENESAS-UPA2810 Datasheet
359Kb / 8P
MOS FIELD EFFECT TRANSISTOR
2008
UPA2810T1L-E1-AY RENESAS-UPA2810T1L-E1-AY Datasheet
359Kb / 8P
MOS FIELD EFFECT TRANSISTOR
2008
UPA2810T1L-E2-AY RENESAS-UPA2810T1L-E2-AY Datasheet
359Kb / 8P
MOS FIELD EFFECT TRANSISTOR
2008
UPA2811T1L RENESAS-UPA2811T1L Datasheet
227Kb / 8P
MOS FIELD EFFECT TRANSISTOR
UPA2811T1L-E1-AY RENESAS-UPA2811T1L-E1-AY Datasheet
227Kb / 8P
MOS FIELD EFFECT TRANSISTOR
More results


Similar Description - UPA2813T1L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8426H FAIRCHILD-FDD8426H Datasheet
469Kb / 11P
Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40 V, 12 A, 12 m廓 P-Channel: -40 V, -10 A, 17 m廓
FDS4897AC FAIRCHILD-FDS4897AC Datasheet
413Kb / 10P
Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40 V, 6.1 A, 26 m廓 P-Channel: -40 V, -5.2 A, 39 m廓
FDME410NZT FAIRCHILD-FDME410NZT Datasheet
256Kb / 7P
N-Channel PowerTrench짰 MOSFET 20 V, 7 A, 26 m廓
FDMS4435BZ FAIRCHILD-FDMS4435BZ Datasheet
266Kb / 7P
P-Channel PowerTrench짰 MOSFET -30 V, -18 A, 20 m廓
logo
Renesas Technology Corp
UPA2812T1L RENESAS-UPA2812T1L Datasheet
173Kb / 7P
P-channel MOSFEF ??0 V, ??0 A, 4.8 m廓
UPA2814T1S RENESAS-UPA2814T1S Datasheet
167Kb / 7P
P-channel MOSFET ??0 V, ??4 A, 7.8 m廓
UPA2816T1S RENESAS-UPA2816T1S Datasheet
148Kb / 7P
P-channel MOSFET ??0 V, ??7 A, 15.5 m廓
UPA2738GR RENESAS-UPA2738GR Datasheet
199Kb / 8P
P-channel MOSFET ??0 V, ??0 A, 15 m
logo
Fairchild Semiconductor
FQB27P06TM FAIRCHILD-FQB27P06TM Datasheet
1Mb / 8P
P-Channel QFET짰 MOSFET -60 V, -27 A, 70 m廓
FQU8P10TU FAIRCHILD-FQU8P10TU Datasheet
1Mb / 9P
P-Channel QFET짰 MOSFET -100 V, -6.6 A, 530 m廓
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com