Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPA2814T1S Datasheet (PDF) - Renesas Technology Corp

Part # UPA2814T1S
Description  P-channel MOSFET ??0 V, ??4 A, 7.8 m廓
File Size   167.03 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA2814T1S Datasheet (PDF) - Renesas Technology Corp



Similar Part No. - UPA2814T1S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA2810 RENESAS-UPA2810 Datasheet
359Kb / 8P
MOS FIELD EFFECT TRANSISTOR
2008
UPA2810T1L-E1-AY RENESAS-UPA2810T1L-E1-AY Datasheet
359Kb / 8P
MOS FIELD EFFECT TRANSISTOR
2008
UPA2810T1L-E2-AY RENESAS-UPA2810T1L-E2-AY Datasheet
359Kb / 8P
MOS FIELD EFFECT TRANSISTOR
2008
UPA2811T1L RENESAS-UPA2811T1L Datasheet
227Kb / 8P
MOS FIELD EFFECT TRANSISTOR
UPA2811T1L-E1-AY RENESAS-UPA2811T1L-E1-AY Datasheet
227Kb / 8P
MOS FIELD EFFECT TRANSISTOR
More results


Similar Description - UPA2814T1S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN7R6-60PS NXP-PSMN7R6-60PS Datasheet
177Kb / 14P
N-channel 60 V 7.8 m廓 standard level MOSFET
Rev. 02-22 January 2010
logo
Renesas Technology Corp
UPA2812T1L RENESAS-UPA2812T1L Datasheet
173Kb / 7P
P-channel MOSFEF ??0 V, ??0 A, 4.8 m廓
UPA2813T1L RENESAS-UPA2813T1L Datasheet
192Kb / 7P
P-channel MOSFET ??0 V, ??7 A, 6.2 m廓
UPA2816T1S RENESAS-UPA2816T1S Datasheet
148Kb / 7P
P-channel MOSFET ??0 V, ??7 A, 15.5 m廓
UPA2738GR RENESAS-UPA2738GR Datasheet
199Kb / 8P
P-channel MOSFET ??0 V, ??0 A, 15 m
logo
Kersemi Electronic Co.,...
KSMD10N20C KERSEMI-KSMD10N20C Datasheet
2Mb / 6P
N-Channel MOSFET 200 V, 7.8 A, 360 m
KSMU10N20C KERSEMI-KSMU10N20C Datasheet
2Mb / 6P
N-Channel MOSFET 200 V, 7.8 A, 360 m廓
logo
NXP Semiconductors
BUK7Y7R8-80E PHILIPS-BUK7Y7R8-80E_15 Datasheet
306Kb / 13P
N-channel 80 V, 7.8 m廓 standard level MOSFET in LFPAK56
8 May 2013
logo
Kersemi Electronic Co.,...
KEMD10N20C KERSEMI-KEMD10N20C Datasheet
2Mb / 6P
N-Channel MOSFET 200 V, 7.8 A, 360 m
logo
Dialog Semiconductor
SLG59M309V DIALOG-SLG59M309V Datasheet
146Kb / 10P
Ultra-small 7.8 m廓 4 A Load Switch
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com