Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPA2815T1S Datasheet (PDF) - Renesas Technology Corp

Part # UPA2815T1S
Description  P-channel MOSFET-30 V, ??1 A, 11 m
File Size   189.49 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA2815T1S Datasheet (PDF) - Renesas Technology Corp



Similar Part No. - UPA2815T1S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA2810 RENESAS-UPA2810 Datasheet
359Kb / 8P
MOS FIELD EFFECT TRANSISTOR
2008
UPA2810T1L-E1-AY RENESAS-UPA2810T1L-E1-AY Datasheet
359Kb / 8P
MOS FIELD EFFECT TRANSISTOR
2008
UPA2810T1L-E2-AY RENESAS-UPA2810T1L-E2-AY Datasheet
359Kb / 8P
MOS FIELD EFFECT TRANSISTOR
2008
UPA2811T1L RENESAS-UPA2811T1L Datasheet
227Kb / 8P
MOS FIELD EFFECT TRANSISTOR
UPA2811T1L-E1-AY RENESAS-UPA2811T1L-E1-AY Datasheet
227Kb / 8P
MOS FIELD EFFECT TRANSISTOR
More results


Similar Description - UPA2815T1S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC6679AZ FAIRCHILD-FDMC6679AZ Datasheet
305Kb / 7P
P-Channel PowerTrench짰 MOSFET -30 V, -20 A, 10 m廓
FDMS6673BZ FAIRCHILD-FDMS6673BZ Datasheet
283Kb / 7P
P-Channel PowerTrench짰 MOSFET -30 V, -28 A, 6.8 m?
FDMA7630 FAIRCHILD-FDMA7630 Datasheet
219Kb / 6P
Single N-Channel PowerTrench짰 MOSFET 30 V, 11 A, 13 m廓
FDMA7670 FAIRCHILD-FDMA7670 Datasheet
212Kb / 6P
Single N-Channel PowerTrench짰 MOSFET 30 V, 11 A, 15 m廓
logo
Renesas Technology Corp
UPA2739T1A RENESAS-UPA2739T1A Datasheet
149Kb / 7P
P-channel MOSFET -30 V, -85 A, 2.8 m
UPA2737GR RENESAS-UPA2737GR Datasheet
198Kb / 8P
P-channel MOSFET -30 V, -11 A, 13 m
UPA2736GR RENESAS-UPA2736GR Datasheet
205Kb / 8P
P-channel MOSFET -30 V, -14 A, 7.0 m
UPA2735GR RENESAS-UPA2735GR Datasheet
188Kb / 8P
P-channel MOSFET -30 V, -16 A, 5.0 m
logo
Fairchild Semiconductor
FQPF47P06YDTU FAIRCHILD-FQPF47P06YDTU Datasheet
1Mb / 9P
P-Channel QFET짰 MOSFET -60 V, -30 A, 26 m廓
logo
ON Semiconductor
NTLJS14D0P03P8Z ONSEMI-NTLJS14D0P03P8Z Datasheet
378Kb / 8P
MOSFET ??Single, P-Channel, POWERTRENCH -30 V, -11 A, 13.5 m
May, 2021-Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com