Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPA2600T1R Datasheet (PDF) - Renesas Technology Corp

Part # UPA2600T1R
Description  N-CHANNEL MOSFET 20 V, 7.0 A, 13.8 m
File Size   245.59 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA2600T1R Datasheet (PDF) - Renesas Technology Corp



Similar Part No. - UPA2600T1R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA2610 RENESAS-UPA2610 Datasheet
304Kb / 11P
MOS FIELD EFFECT TRANSISTOR
2004
UPA2610T1C RENESAS-UPA2610T1C Datasheet
304Kb / 11P
MOS FIELD EFFECT TRANSISTOR
2004
UPA2630T1R RENESAS-UPA2630T1R Datasheet
247Kb / 7P
P-CHANNEL MOSFET -12 V, -7.0 A, 28 m
UPA2630T1R-E2-AX RENESAS-UPA2630T1R-E2-AX Datasheet
247Kb / 7P
P-CHANNEL MOSFET -12 V, -7.0 A, 28 m
UPA2631T1R RENESAS-UPA2631T1R Datasheet
247Kb / 7P
P-CHANNEL MOSFET -20 V, -8.0 A, 32 m
More results


Similar Description - UPA2600T1R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8842NZ FAIRCHILD-FDS8842NZ Datasheet
310Kb / 6P
N-Channel PowerTrench짰 MOSFET 40 V, 14.9 A, 7.0 m廓
logo
ON Semiconductor
NTD5867NL ONSEMI-NTD5867NL Datasheet
144Kb / 7P
N-Channel Power MOSFET 60 V, 20 A, 39 m
March, 2010 ??Rev. 0
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR Datasheet
205Kb / 8P
P-channel MOSFET -30 V, -14 A, 7.0 m
UPA2660T1R RENESAS-UPA2660T1R Datasheet
268Kb / 7P
DUAL N-CHANNEL MOSFET 20 V, 4.0 A, 42 m
UPA2630T1R RENESAS-UPA2630T1R Datasheet
247Kb / 7P
P-CHANNEL MOSFET -12 V, -7.0 A, 28 m
logo
Fairchild Semiconductor
FQP20N06TSTU FAIRCHILD-FQP20N06TSTU Datasheet
721Kb / 8P
N-Channel QFET MOSFET 60 V, 20 A, 60 m
logo
ON Semiconductor
NVTFS014P04M8L ONSEMI-NVTFS014P04M8L Datasheet
229Kb / 7P
MOSFET ??Power, Single, P-Channel -40 V, 13.8 m, -49 A
May, 2020 ??Rev. 4
NVMFS5C670N ONSEMI-NVMFS5C670N Datasheet
179Kb / 7P
MOSFET ??Power, Single, N-Channel 60 V, 7.0 m, 71 A
December, 2019-Rev. 0
NVMFS014P04M8L ONSEMI-NVMFS014P04M8L Datasheet
223Kb / 7P
MOSFET ??Power, Single P-Channel-40 V, 13.8 m, -52.1 A
February, 2021 ??Rev.1
NVMYS7D0N06C ONSEMI-NVMYS7D0N06C Datasheet
214Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 7.0 m, 66 A
October, 2021 - Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com