Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE42420 Datasheet (PDF) - Peregrine Semiconductor

Part # PE42420
Description  UltraCMOS SPDT RF Switch 100 ??6000 MHz
File Size   355.16 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42420 Datasheet (PDF) - Peregrine Semiconductor



Similar Part No. - PE42420

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42420D-Z PSEMI-PE42420D-Z Datasheet
403Kb / 12P
UltraCMOS짰 SPDT RF Switch 100.6000 MHz
PE42420LGBB-Z PSEMI-PE42420LGBB-Z Datasheet
403Kb / 12P
UltraCMOS짰 SPDT RF Switch 100.6000 MHz
PE42420 PSEMI-PE42420_14 Datasheet
400Kb / 12P
UltraCMOS짰 SPDT RF Switch
More results


Similar Description - PE42420

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4210 PEREGRINE-PE4210 Datasheet
245Kb / 7P
SPDT UltraCMOS??RF Switch DC - 3000 MHz
PE4220 PEREGRINE-PE4220 Datasheet
247Kb / 7P
SPDT UltraCMOS??RF Switch DC - 2500 MHz
PE4239 PEREGRINE-PE4239_06 Datasheet
285Kb / 9P
SPDT UltraCMOS??RF Switch
PE42552 PEREGRINE-PE42552 Datasheet
398Kb / 9P
SPDT UltraCMOS RF Switch DC - 7500 MHz
logo
Peregrine Semiconductor
PE42423 PSEMI-PE42423 Datasheet
448Kb / 11P
UltraCMOS SPDT RF Switch 100 MHz - 6 GHz
PE42552 PSEMI-PE42552 Datasheet
401Kb / 9P
SPDT UltraCMOS RF Switch
PE42721 PSEMI-PE42721 Datasheet
297Kb / 12P
UltraCMOS SPDT RF Switch
PE42424 PSEMI-PE42424 Datasheet
1Mb / 11P
UltraCMOS SPDT RF Switch 100 MHz?? GHz
PE423422 PSEMI-PE423422 Datasheet
366Kb / 13P
UltraCMOS SPDT RF Switch 100??000 MHz
PE42427 PSEMI-PE42427 Datasheet
510Kb / 16P
SPDT RF Switch 5-6000 MHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com