Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE42427 Datasheet (PDF) - Peregrine Semiconductor

PE42427 Datasheet PDF - Peregrine Semiconductor
Part # PE42427
Download  PE42427 Download
File Size   510.68 Kbytes
Page   16 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description SPDT RF Switch 5-6000 MHz

PE42427 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE42427 Datasheet PDF - Peregrine Semiconductor

Part # PE42427
Download  PE42427 Click to download

File Size   510.68 Kbytes
Page   16 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description SPDT RF Switch 5-6000 MHz

PE42427 Datasheet (HTML) - Peregrine Semiconductor




Similar Part No. - PE42427

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4242 PEREGRINE-PE4242 Datasheet
276Kb / 8P
SPDT UltraCMOS??RF Switch
PE4242 PEREGRINE-PE4242 Datasheet
278Kb / 9P
SPDT UltraCMOS??RF Switch
logo
Pasternack Enterprises,...
PE4242 PASTERNACK-PE4242 Datasheet
300Kb / 2P
C Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4242 PASTERNACK-PE4242 Datasheet
316Kb / 3P
C Male Connector Clamp/Solder Attachment
logo
Peregrine Semiconductor...
PE4242-EK PEREGRINE-PE4242-EK Datasheet
276Kb / 8P
SPDT UltraCMOS??RF Switch
More results


Similar Description - PE42427

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-112 MACOM-SW-112 Datasheet
106Kb / 1P
SPDT RF Switch 20 - 2000 MHz
logo
Peregrine Semiconductor
PE42420 PSEMI-PE42420 Datasheet
355Kb / 11P
UltraCMOS SPDT RF Switch 100 ??6000 MHz
PE4273 PSEMI-PE4273 Datasheet
298Kb / 12P
SPDT Broadband UltraCMOS 5 ??3000 MHz RF Switch
PE42722 PSEMI-PE42722 Datasheet
361Kb / 15P
UltraCMOS SPDT RF Switch, 5-1794 MHz
PE42723 PSEMI-PE42723 Datasheet
525Kb / 17P
UltraCMOS SPDT RF Switch, 5-1794 MHz
PE42422MLAA-Z PSEMI-PE42422MLAA-Z Datasheet
1Mb / 16P
UltraCMOS짰 SPDT RF Switch 5??000 MHz
PE42721MLBA-Z PSEMI-PE42721MLBA-Z Datasheet
1Mb / 12P
UltraCMOS짰 SPDT RF Switch 5??200 MHz
PE42426 PSEMI-PE42426 Datasheet
1Mb / 17P
SPDT RF Switch, 5??000 MHz
PE42724 PSEMI-PE42724 Datasheet
490Kb / 12P
SPDT RF Switch, 5??794 MHz
PE42823 PSEMI-PE42823 Datasheet
597Kb / 11P
SPDT RF Switch, 700 MHz?? GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com