Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE42426 Datasheet (PDF) - Peregrine Semiconductor

PE42426 Datasheet PDF - Peregrine Semiconductor
Part # PE42426
Download  PE42426 Download
File Size   1037.83 Kbytes
Page   17 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description SPDT RF Switch, 5??000 MHz

PE42426 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE42426 Datasheet PDF - Peregrine Semiconductor

Part # PE42426
Download  PE42426 Click to download

File Size   1037.83 Kbytes
Page   17 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description SPDT RF Switch, 5??000 MHz

PE42426 Datasheet (HTML) - Peregrine Semiconductor




Similar Part No. - PE42426

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4242 PEREGRINE-PE4242 Datasheet
276Kb / 8P
SPDT UltraCMOS??RF Switch
PE4242 PEREGRINE-PE4242 Datasheet
278Kb / 9P
SPDT UltraCMOS??RF Switch
logo
Pasternack Enterprises,...
PE4242 PASTERNACK-PE4242 Datasheet
300Kb / 2P
C Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4242 PASTERNACK-PE4242 Datasheet
316Kb / 3P
C Male Connector Clamp/Solder Attachment
logo
Peregrine Semiconductor...
PE4242-EK PEREGRINE-PE4242-EK Datasheet
276Kb / 8P
SPDT UltraCMOS??RF Switch
More results


Similar Description - PE42426

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42722 PSEMI-PE42722 Datasheet
361Kb / 15P
UltraCMOS SPDT RF Switch, 5-1794 MHz
PE42723 PSEMI-PE42723 Datasheet
525Kb / 17P
UltraCMOS SPDT RF Switch, 5-1794 MHz
PE423422 PSEMI-PE423422 Datasheet
366Kb / 13P
UltraCMOS SPDT RF Switch 100??000 MHz
PE4251MLI-Z PSEMI-PE4251MLI-Z Datasheet
377Kb / 10P
UltraCMOS짰 SPDT RF Switch 10??000 MHz, Absorptive
PE42422MLAA-Z PSEMI-PE42422MLAA-Z Datasheet
1Mb / 16P
UltraCMOS짰 SPDT RF Switch 5??000 MHz
PE42721MLBA-Z PSEMI-PE42721MLBA-Z Datasheet
1Mb / 12P
UltraCMOS짰 SPDT RF Switch 5??200 MHz
PE42851MLBA-X PSEMI-PE42851MLBA-X Datasheet
380Kb / 12P
UltraCMOS짰 SP5T RF Switch 100??000 MHz
PE42427 PSEMI-PE42427 Datasheet
510Kb / 16P
SPDT RF Switch 5-6000 MHz
PE42452 PSEMI-PE42452 Datasheet
458Kb / 11P
SP5T RF Switch 450??000 MHz
PE42724 PSEMI-PE42724 Datasheet
490Kb / 12P
SPDT RF Switch, 5??794 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com