Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE42452 Datasheet (PDF) - Peregrine Semiconductor

PE42452 Datasheet PDF - Peregrine Semiconductor
Part # PE42452
Download  PE42452 Download
File Size   458.03 Kbytes
Page   11 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description SP5T RF Switch 450??000 MHz

PE42452 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE42452 Datasheet PDF - Peregrine Semiconductor

Part # PE42452
Download  PE42452 Click to download

File Size   458.03 Kbytes
Page   11 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description SP5T RF Switch 450??000 MHz

PE42452 Datasheet (HTML) - Peregrine Semiconductor




Similar Part No. - PE42452

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42452A-Z PSEMI-PE42452A-Z Datasheet
458Kb / 11P
UltraCMOS SP5T RF Switch 450-4000 MHz
PE42452 PSEMI-PE42452_14 Datasheet
493Kb / 11P
UltraCMOS짰 SP5T RF Switch
PE42452 PSEMI-PE42452_15 Datasheet
458Kb / 11P
UltraCMOS SP5T RF Switch 450-4000 MHz
More results


Similar Description - PE42452

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
TWH5017 SPECTRUM-TWH5017 Datasheet
71Kb / 1P
SP5T RF SWITCH
logo
Peregrine Semiconductor
PE42850 PSEMI-PE42850 Datasheet
372Kb / 12P
UltraCMOS짰 SP5T RF Switch 30 - 1000 MHz
PE42851 PSEMI-PE42851 Datasheet
417Kb / 12P
UltraCMOS짰 SP5T RF Switch 100 - 1000 MHz
PE42452 PSEMI-PE42452_15 Datasheet
458Kb / 11P
UltraCMOS SP5T RF Switch 450-4000 MHz
PE42422MLAA-Z PSEMI-PE42422MLAA-Z Datasheet
1Mb / 16P
UltraCMOS짰 SPDT RF Switch 5??000 MHz
PE42451MLIAA-Z PSEMI-PE42451MLIAA-Z Datasheet
352Kb / 11P
SP5T Absorptive UltraCMOS짰 High-Isolation RF Switch 450-4000 MHz, VssEXT option
PE42851MLBA-X PSEMI-PE42851MLBA-X Datasheet
380Kb / 12P
UltraCMOS짰 SP5T RF Switch 100??000 MHz
PE42426 PSEMI-PE42426 Datasheet
1Mb / 17P
SPDT RF Switch, 5??000 MHz
logo
Mini-Circuits
JSW5-23DR-75 MINI-JSW5-23DR-75 Datasheet
408Kb / 7P
SP5T RF Switch
JSW5-272DR MINI-JSW5-272DR Datasheet
402Kb / 7P
SP5T RF Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com