Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE42823 Datasheet (PDF) - Peregrine Semiconductor

PE42823 Datasheet PDF - Peregrine Semiconductor
Part # PE42823
Download  PE42823 Download
File Size   597.55 Kbytes
Page   11 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description SPDT RF Switch, 700 MHz?? GHz

PE42823 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE42823 Datasheet PDF - Peregrine Semiconductor

Part # PE42823
Download  PE42823 Click to download

File Size   597.55 Kbytes
Page   11 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description SPDT RF Switch, 700 MHz?? GHz

PE42823 Datasheet (HTML) - Peregrine Semiconductor




Similar Part No. - PE42823

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4282 PASTERNACK-PE4282 Datasheet
212Kb / 2P
75 Ohm SMC Jack Bulkhead Connector Clamp-Solder Attachment For RG59, RG62, .285 inch D Hole
logo
Peregrine Semiconductor
PE42820 PSEMI-PE42820 Datasheet
3Mb / 2P
Peregrine Enables New Approach to RF Switching in High-Power Wireless Systems
PE42820MLBA-X PSEMI-PE42820MLBA-X Datasheet
371Kb / 12P
UltraCMOS짰 SPDT RF Switch 30??700 MHz
PE42821 PSEMI-PE42821 Datasheet
403Kb / 12P
UltraCMOS짰 SPDT RF Switch 100 - 2700 MHz
PE42822 PSEMI-PE42822 Datasheet
460Kb / 21P
UltraCMOS SPDT RF Switch, 700 MHz-3.8 GHz
More results


Similar Description - PE42823

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42359 PSEMI-PE42359 Datasheet
477Kb / 14P
SPDT UltraCMOS짰 RF Switch 10 MHz ??3 GHz
PE42423 PSEMI-PE42423 Datasheet
448Kb / 11P
UltraCMOS SPDT RF Switch 100 MHz - 6 GHz
PE4259 PSEMI-PE4259 Datasheet
651Kb / 9P
SPDT High Power UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE42421 PSEMI-PE42421 Datasheet
325Kb / 9P
SPDT UltraCMOS 10 MHz ??3.0 GHz RF Switch
PE42424 PSEMI-PE42424 Datasheet
1Mb / 11P
UltraCMOS SPDT RF Switch 100 MHz?? GHz
PE42524 PSEMI-PE42524 Datasheet
347Kb / 16P
UltraCMOS SPDT RF Switch, 10 MHz-40 GHz
PE42822 PSEMI-PE42822 Datasheet
460Kb / 21P
UltraCMOS SPDT RF Switch, 700 MHz-3.8 GHz
PE42421SCAA-Z PSEMI-PE42421SCAA-Z Datasheet
385Kb / 9P
SPDT UltraCMOS짰 10 MHz ??3.0 GHz RF Switch
PE42423MLBA-Z PSEMI-PE42423MLBA-Z Datasheet
490Kb / 11P
UltraCMOS짰 SPDT RF Switch 100 MHz - 6 GHz
PE42820MLBA-X PSEMI-PE42820MLBA-X Datasheet
371Kb / 12P
UltraCMOS짰 SPDT RF Switch 30??700 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com