Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

219413-1 Datasheet (PDF) - Tyco Electronics

Part # 219413-1
Description  CABLE, CAT5E, F/UTP, SOLID, PR04, AWG24, PVC
File Size   109.61 Kbytes
Html View  1 
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

219413-1 Datasheet (PDF) - Tyco Electronics



Similar Part No. - 219413-1

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2194 ALPHAWIRE-2194 Datasheet
101Kb / 3P
Customer Specification
9/14/2022
logo
Abbatron All Rights Res...
2194 ABBATRON-2194 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
TE Connectivity Ltd
21949-1 TEC-21949-1 Datasheet
434Kb / 5P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
21949-1 TEC-21949-1 Datasheet
336Kb / 5P
Mass Insertion Terminating Head
21949-1 TEC-21949-1 Datasheet
315Kb / 5P
This instruction sheet provides application instructions, maintenance, and inspection procedures for PIDG STRATO-THERM
More results


Similar Description - 219413-1

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
ATU6-V305T-R ASSMANN-ATU6-V305T-R Datasheet
243Kb / 1P
Cat6, UTP, Twisted Pair, AWG24/1
ATUP-P305T ASSMANN-ATUP-P305T Datasheet
236Kb / 1P
Cat5e, UTP, Twisted Pair, AWG24/1
ATUP-V305T ASSMANN-ATUP-V305T Datasheet
242Kb / 1P
Cat5e, UTP, Twisted Pair, AWG24/1
logo
Tripp Lite. All Rights ...
N02201KGY TRIPPLITE-N02201KGY Datasheet
485Kb / 2P
Cat5e 350MHz Bulk Solid-Core PVC Cable - Gray, 1000-ft
logo
List of Unclassifed Man...
1212F ETC2-1212F Datasheet
109Kb / 3P
CAT5e (350MHz), 4-Pair, F/UTP-Foil shielded, Riser-CMR, Premise Horizontal Cable
logo
Tripp Lite. All Rights ...
N022-01K-GY TRIPPLITE-N022-01K-GY Datasheet
174Kb / 2P
Cat5e 350MHz Bulk Solid-Core PVC Cable - Gray, 1000-ft., TAA
N022-01K-WH TRIPPLITE-N022-01K-WH Datasheet
175Kb / 3P
Cat5e 350 MHz Bulk Solid-Core PVC Cable, White, 1000 ft., TAA
N028-01K-GY TRIPPLITE-N028-01K-GY Datasheet
159Kb / 2P
Cat5e 350MHz Bulk Solid-Core PVC Outdoor- Rated Cable - Gray, 1000-ft.
logo
Belden Inc.
1583ANH BELDEN-1583ANH Datasheet
179Kb / 3P
CAT5e Horizontal, 4pr, UTP, PVC Jkt
2022 Belden, Inc
121702A BELDEN-121702A Datasheet
200Kb / 2P
CAT5e Horizontal Bonded-Pair, 2x4pr, UTP, PVC Jkt, CMR, Siamese
2022 Belden, Inc
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com