Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1612AB1 Datasheet (PDF) - Emcore Corporation

Part # 1612AB1
Description  1612A/B 1310 nm DFB Laser Module
File Size   664.18 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

1612AB1 Datasheet (PDF) - Emcore Corporation



Similar Part No. - 1612AB1

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
1310 nm DFB Laser Module
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
607Kb / 6P
1310 nm DFB Laser Module
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
1310 nm DFB Laser Module
1612A-079-FC-06 EMCORE-1612A-079-FC-06 Datasheet
167Kb / 6P
1310 nm DFB Laser Module
1612A-079-FC-06 EMCORE-1612A-079-FC-06 Datasheet
607Kb / 6P
1310 nm DFB Laser Module
More results


Similar Description - 1612AB1

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100 Datasheet
110Kb / 2P
1310 nm DFB LASER DIODES MQW-DFB LASER DIODES
logo
Source Photonics, Inc.
C-13-DFB2.5-TD-SFCL SOURCE-C-13-DFB2.5-TD-SFCL Datasheet
1Mb / 7P
1310 nm 2.5 MQW-DFB Laser Diode Module
C-13-DFBA-PB-SFC SOURCE-C-13-DFBA-PB-SFC Datasheet
485Kb / 3P
Analog 1310 nm MQW-DFB Laser Diode Module
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04 Datasheet
167Kb / 6P
1310 nm DFB Laser Module
1614-SC-WW-02 EMCORE-1614-SC-WW-02 Datasheet
229Kb / 6P
1310 nm DFB Laser Module
logo
Optoway Technology Inc
DL-3100 OPTOWAY-DL-3100_07 Datasheet
119Kb / 3P
1310 nm DFB LASER DIODES
logo
Emcore Corporation
1612A-079-FC-04 EMCORE-1612A-079-FC-04_12 Datasheet
607Kb / 6P
1310 nm DFB Laser Module
1615A EMCORE-1615A Datasheet
648Kb / 4P
1615A 1310 nm DFB Laser Module
1688 EMCORE-1688 Datasheet
753Kb / 5P
1688 1310 nm DFB Laser Module
G1033-020 EMCORE-G1033-020 Datasheet
485Kb / 3P
1310 nm GPON DFB Laser Chip
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com