Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NYS240 Datasheet (PDF) - List of Unclassifed Manufacturers

Part # NYS240
Description  3.5MM STEREO KABELBUCHSE
File Size   23.6 Kbytes
Html View  1 
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NYS240 Datasheet (PDF) - List of Unclassifed Manufacturers



Similar Part No. - NYS240

ManufacturerPart #DatasheetDescription
logo
REAN
NYS240 REAN-NYS240 Datasheet
98Kb / 2P
Stereo 3 pole 3.5 mm cable jack
09.12.2021
NYS240 REAN-NYS240 Datasheet
1Mb / 24P
TINYxlr Cable Connectors
2012 / 13
NYS240BG REAN-NYS240BG Datasheet
98Kb / 2P
Stereo 3 pole 3.5 mm cable jack
09.12.2021
NYS240BG REAN-NYS240BG Datasheet
1Mb / 24P
TINYxlr Cable Connectors
2012 / 13
NYS240L REAN-NYS240L Datasheet
98Kb / 2P
Stereo 3 pole 3.5 mm cable jack
09.12.2021
More results


Similar Description - NYS240

ManufacturerPart #DatasheetDescription
logo
CUI INC
SP-3501 CUI-SP-3501 Datasheet
222Kb / 1P
3.5mm STEREO PLUG
logo
Switchcraft, Inc.
35HDBAU SWITCH-35HDBAU Datasheet
130Kb / 1P
3.5mm STEREO PLUG
logo
Assmann Electronics Inc...
AK243-2 ASSMANN-AK243-2 Datasheet
79Kb / 1P
3.5mm STEREO PLUG
logo
Switchcraft, Inc.
35HR07235X SWITCH-35HR07235X Datasheet
94Kb / 2P
3.5MM STEREO TO 3.5MM, RoHS
35HR14435X SWITCH-35HR14435X Datasheet
94Kb / 2P
3.5MM STEREO TO 3.5MM, RoHS
logo
CUI INC
SJ-3545 CUI-SJ-3545 Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3545N CUI-SJ-3545N Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3535 CUI-SJ-3535 Datasheet
35Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3523NG CUI-SJ-3523NG Datasheet
57Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3524N CUI-SJ-3524N Datasheet
37Kb / 1P
3.5MM AUDIO JACK STEREO
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com