Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JW050F1 Datasheet (PDF) - Lineage Power Corporation

Part # JW050F1
Description  dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
File Size   838.86 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JW050F1 Datasheet (PDF) - Lineage Power Corporation



Similar Part No. - JW050F1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JW050A MACOM-JW050A Datasheet
1Mb / 20P
Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
JW050A1 MACOM-JW050A1 Datasheet
1Mb / 20P
Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
JW050B LINEAGEPOWER-JW050B Datasheet
573Kb / 20P
dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
More results


Similar Description - JW050F1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
FC250F1 MACOM-FC250F1 Datasheet
1Mb / 20P
Power Module: dc-dc Converter; 18 Vdc to 36 Vdc Input, 3.3 Vdc Output; 165 W
JFC050C MACOM-JFC050C Datasheet
378Kb / 20P
dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
logo
Lineage Power Corporati...
JBW050F1 LINEAGEPOWER-JBW050F1 Datasheet
349Kb / 16P
36 to 75 Vdc Input, 3.3 Vdc Output; 33 W
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
QHW075F1-Q LINEAGEPOWER-QHW075F1-Q Datasheet
502Kb / 20P
QHW050F1-Q, QHW075F1-Q, and QHW100F1-Q Power Modules; dc-dc Converters: 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 66 W
LAW005A LINEAGEPOWER-LAW005A Datasheet
358Kb / 8P
LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com