Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM-40GT8 Datasheet (PDF) - MRV Communications, Inc.

Part # TM-40GT8
Description  LambdaDriver짰??DWDM 40Gbps Transponder
File Size   862.42 Kbytes
Html View  1   2 
Manufacturer  MRV [MRV Communications, Inc.]
Direct Link  http://www.mrv.com
Logo MRV - MRV Communications, Inc.

TM-40GT8 Datasheet (PDF) - MRV Communications, Inc.



Similar Part No. - TM-40GT8

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TM-4-DC1 HIROSE-TM-4-DC1 Datasheet
43Kb / 1P
MODULAR CONNECTORS(ACCESSORIES)
logo
Belden Inc.
TM-4BB-006-LNA BELDEN-TM-4BB-006-LNA Datasheet
165Kb / 2P
MarineTuff, InOutdoor, BO, OM4, 6f, Subunit 2.0mm, Sgl Jkt, LSZH,OFNR-ST1, ABS
2022 Belden, Inc
TM-4BB-006-LNAN BELDEN-TM-4BB-006-LNAN Datasheet
165Kb / 2P
MarineTuff, InOutdoor, BO, OM4, 6f, Subunit 2.0mm, Sgl Jkt, LSZH,OFNR-ST1, ABS
2022 Belden, Inc
More results


Similar Description - TM-40GT8

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
TM-DXFP4 MRV-TM-DXFP4 Datasheet
1Mb / 2P
10 Gbps transponder - LambdaDriver짰 Module (TM-DXFP)
logo
JDS Uniphase Corporatio...
WRT-760DT240B-035 JDSU-WRT-760DT240B-035 Datasheet
165Kb / 6P
Path Protected, Client-Side SFP, Multi-Rate,Multi-Protocol, 3R DWDM Transponder
WRT-740DT240B-135 JDSU-WRT-740DT240B-135 Datasheet
251Kb / 6P
Extended Reach, Client-Side SFP, Multi-Rate,Multi-Protocol, DWDM,3R Transponder
logo
MRV Communications, Inc...
1600-MUX MRV-1600-MUX Datasheet
264Kb / 2P
LambdaDriver짰 Passive Optical Modules
EM800-OAX MRV-EM800-OAX Datasheet
1Mb / 4P
LambdaDriver짰 - Optical Amplifi er Module
EM2009-GM2 MRV-EM2009-GM2 Datasheet
386Kb / 2P
LambdaDriver짰 -2x 1Gbps Muxponder
LD1600P MRV-LD1600P Datasheet
291Kb / 2P
LambdaDriver짰 1600 Chassis
TM2-XFPF MRV-TM2-XFPF Datasheet
326Kb / 2P
LambdaDriver짰??0GE XFP - Dual Transponder Module with FEC (TM2-XFPF)
TM2-XSFPFM MRV-TM2-XSFPFM Datasheet
1Mb / 2P
LambdaDriver짰??0Gbps - Dual Transponder Module with FEC
TM-DXFPF MRV-TM-DXFPF Datasheet
368Kb / 2P
LambdaDriver짰??0Gbps Transponder with FEC
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com