Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT200N02 Datasheet (PDF) - Unisonic Technologies

Part # UTT200N02
Description  200 A, 20 V N-CHANNEL POWER MOSFET
File Size   197.12 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT200N02 Datasheet (PDF) - Unisonic Technologies



Similar Part No. - UTT200N02

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT200N03 UTC-UTT200N03 Datasheet
249Kb / 5P
200A, 30V N-CHANNEL POWER MOSFET
UTT200N03G-TA3-T UTC-UTT200N03G-TA3-T Datasheet
249Kb / 5P
200A, 30V N-CHANNEL POWER MOSFET
UTT200N03G-TA3-T UTC-UTT200N03G-TA3-T Datasheet
249Kb / 5P
N-CHANNEL ENHANCEMENT MODE
UTT200N03G-TQ2-R UTC-UTT200N03G-TQ2-R Datasheet
249Kb / 5P
200A, 30V N-CHANNEL POWER MOSFET
UTT200N03G-TQ2-R UTC-UTT200N03G-TQ2-R Datasheet
249Kb / 5P
N-CHANNEL ENHANCEMENT MODE
More results


Similar Description - UTT200N02

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF640 UTC-UF640 Datasheet
140Kb / 5P
18 A, 200 V, 0.18 OHM, N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NTD5867NL ONSEMI-NTD5867NL Datasheet
144Kb / 7P
N-Channel Power MOSFET 60 V, 20 A, 39 m
March, 2010 ??Rev. 0
logo
Unisonic Technologies
UF640 UTC-UF640_11 Datasheet
242Kb / 5P
18 A, 200 V, 0.18 OHM, N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FQD4N20TF FAIRCHILD-FQD4N20TF Datasheet
781Kb / 8P
N-Channel QFET MOSFET 200 V, 3.0 A, 1.4
FQD5N20LTM FAIRCHILD-FQD5N20LTM Datasheet
863Kb / 8P
N-Channel QFET MOSFET 200 V, 3.8 A, 1.2
logo
ACE Technology Co., LTD...
ACE1020M ACE-ACE1020M Datasheet
526Kb / 7P
N-Channel 200-V MOSFET
VER 1.1
ACE2020M ACE-ACE2020M Datasheet
536Kb / 7P
N-Channel 200-V MOSFET
VER 1.1
logo
Kersemi Electronic Co.,...
KEMD10N20C KERSEMI-KEMD10N20C Datasheet
2Mb / 6P
N-Channel MOSFET 200 V, 7.8 A, 360 m
logo
ON Semiconductor
NVMJS1D5N04CL ONSEMI-NVMJS1D5N04CL Datasheet
364Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 1.4 m, 200 A
July, 2019 ??Rev. 0
NTD20N03L27 ONSEMI-NTD20N03L27_V01 Datasheet
212Kb / 7P
MOSFET –Power, N-Channel, DPAK 20 A, 30 V
May, 2019 - Rev. 6
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com