Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF624 Datasheet (PDF) - Unisonic Technologies

Part # UF624
Description  4.4 A, 250 V N-CHANNEL POWER MOSFET
File Size   206.86 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF624 Datasheet (PDF) - Unisonic Technologies



Similar Part No. - UF624

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF624Z UTC-UF624Z Datasheet
221Kb / 7P
4.4A, 250V N-CHANNEL POWER MOSFET
UF624ZG-TN3-R UTC-UF624ZG-TN3-R Datasheet
221Kb / 7P
4.4A, 250V N-CHANNEL POWER MOSFET
UF624ZG-TN3-T UTC-UF624ZG-TN3-T Datasheet
221Kb / 7P
4.4A, 250V N-CHANNEL POWER MOSFET
UF624ZL-TN3-R UTC-UF624ZL-TN3-R Datasheet
221Kb / 7P
4.4A, 250V N-CHANNEL POWER MOSFET
UF624ZL-TN3-T UTC-UF624ZL-TN3-T Datasheet
221Kb / 7P
4.4A, 250V N-CHANNEL POWER MOSFET
More results


Similar Description - UF624

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD5N52K3 STMICROELECTRONICS-STD5N52K3 Datasheet
1Mb / 23P
N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
14-Dec-2010
STP5N52K3 STMICROELECTRONICS-STP5N52K3 Datasheet
1Mb / 23P
N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
14-Dec-2010
logo
Fairchild Semiconductor
FQD6N25TM FAIRCHILD-FQD6N25TM Datasheet
859Kb / 8P
N-Channel QFET MOSFET 250 V, 4.4 A, 1.0
logo
Kersemi Electronic Co.,...
KSMD4N25 KERSEMI-KSMD4N25 Datasheet
3Mb / 8P
N-Channel MOSFET 250 V, 3 A, 1.75廓
KSMU4N25 KERSEMI-KSMU4N25 Datasheet
3Mb / 8P
N-Channel MOSFET 250 V, 3 A, 1.75廓
logo
MagnaChip Semiconductor...
MDD5N50 MGCHIP-MDD5N50 Datasheet
971Kb / 6P
N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
MDD5N50G MGCHIP-MDD5N50G Datasheet
773Kb / 6P
N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
MDIS5N50 MGCHIP-MDIS5N50 Datasheet
966Kb / 6P
N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
logo
ON Semiconductor
NTBLS4D0N15MC ONSEMI-NTBLS4D0N15MC Datasheet
300Kb / 8P
MOSFET ??Single N-Channel 150 V, 4.4 m, 187 A
April, 2020 ??Rev. 3
NVMJS1D6N06CL ONSEMI-NVMJS1D6N06CL Datasheet
364Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 1.36 m, 250 A
July, 2019 ??Rev. 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com