Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10GAP15 Datasheet (PDF) - Vishay Siliconix

Part # 10GAP15
Description  Lower Voltage Disc Capacitors
File Size   152.77 Kbytes
Html View  1   2   3 
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10GAP15 Datasheet (PDF) - Vishay Siliconix



Similar Part No. - 10GAP15

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
10GA24 BELDEN-10GA24 Datasheet
183Kb / 3P
CAT 6A 23AWG, U/UTP, LSZH Jkt, Indoor
2022 Belden, Inc
10GA24002305M BELDEN-10GA24002305M Datasheet
183Kb / 3P
CAT 6A 23AWG, U/UTP, LSZH Jkt, Indoor
2022 Belden, Inc
10GA24003305M BELDEN-10GA24003305M Datasheet
183Kb / 3P
CAT 6A 23AWG, U/UTP, LSZH Jkt, Indoor
2022 Belden, Inc
10GA24004305M BELDEN-10GA24004305M Datasheet
183Kb / 3P
CAT 6A 23AWG, U/UTP, LSZH Jkt, Indoor
2022 Belden, Inc
10GA24005305M BELDEN-10GA24005305M Datasheet
183Kb / 3P
CAT 6A 23AWG, U/UTP, LSZH Jkt, Indoor
2022 Belden, Inc
More results


Similar Description - 10GAP15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
561R VISHAY-561R Datasheet
72Kb / 3P
Lower Voltage Ceramic Disc Capacitors 1000 VDC Temperature & Voltage Stabilized
06-Feb-13
715C15DKD15 VISHAY-715C15DKD15 Datasheet
75Kb / 3P
High Voltage Disc Capacitors, Screw Mounting
21-Aug-08
562R5HKZS10 VISHAY-562R5HKZS10 Datasheet
72Kb / 3P
Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
07-Feb-13
561R562R VISHAY-561R562R Datasheet
72Kb / 3P
Lower Voltage Ceramic DC Disc Capacitors 1000 Vdc General Purpose
07-Feb-13
564R30GAS10 VISHAY-564R30GAS10 Datasheet
80Kb / 5P
Lower Voltage Ceramic Singlelayer DC Disc Capacitors
24-Apr-13
561R1DF0T47 VISHAY-561R1DF0T47 Datasheet
74Kb / 3P
Lower Voltage Ceramic DC Disc Capacitors
15-Feb-13
564R VISHAY-564R Datasheet
94Kb / 5P
Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
06-Jul-16
564R VISHAY-564R_V01 Datasheet
117Kb / 8P
Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
09-Aug-2021
561R1DF0D10 VISHAY-561R1DF0D10 Datasheet
106Kb / 7P
Lower Voltage Ceramic Singlelayer DC Disc Capacitors 1 kVDC to 3 kVDC Low Dissipation Factor
23-Jul-2021
562R VISHAY-562R Datasheet
96Kb / 5P
Lower Voltage Ceramic DC Disc Capacitors 1000 VDC General Purpose
23-Jul-2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com