Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXA1850 Datasheet (PDF) - Cree, Inc

Part # CXA1850
Description  Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
File Size   1963.29 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1850 Datasheet (PDF) - Cree, Inc



Similar Part No. - CXA1850

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1851 SONY-CXA1851 Datasheet
223Kb / 12P
Up/Down Converter for 900 MHz-Band Mobile Communications
CXA1851N SONY-CXA1851N Datasheet
223Kb / 12P
Up/Down Converter for 900 MHz-Band Mobile Communications
CXA1852N SONY-CXA1852N Datasheet
174Kb / 10P
Quadrature Modulator for 900 MHz-Band Mobile Communications
CXA1853AQ SONY-CXA1853AQ Datasheet
699Kb / 39P
RGB Driver for LCD
CXA1853Q SONY-CXA1853Q Datasheet
758Kb / 39P
RGB Driver for LCD
More results


Similar Description - CXA1850

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1457C1202 HAMMOND-1457C1202 Datasheet
914Kb / 1P
Solid models of this enclosure available in STEP or IGES.
logo
Cree, Inc
CXA2590 CREE-CXA2590 Datasheet
1Mb / 16P
Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
Rev 0
logo
Mallory performance clu...
PN8732 MALLORY-PN8732 Datasheet
241Kb / 4P
Digital 2-Step
logo
Cree, Inc
CXB1310 CREE-CXB1310 Datasheet
2Mb / 20P
Available in 5-step EasyWhite
Rev 0A
CXB1520 CREE-CXB1520 Datasheet
2Mb / 15P
Available in 5-step EasyWhite
Rev 0A
MK-R CREE-MK-R Datasheet
1Mb / 33P
Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
Rev 8A
logo
Mallory performance clu...
8732 MALLORY-8732 Datasheet
241Kb / 4P
Digital 2-Step
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
Step-up, step-down, step-up and step-down LED driver chip
logo
Mallory Sonalert Produc...
MSE28LDT8S MSPI-MSE28LDT8S Datasheet
48Kb / 1P
Step Volume at 15 sec
MSE28MTT3S MSPI-MSE28MTT3S Datasheet
48Kb / 1P
Step Volume at 15 sec
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com