Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D8020L Datasheet (PDF) - Littelfuse

Part # D8020L
Description  Teccor manufactures 15 A rms to 25 A rms rectifiers
File Size   109.57 Kbytes
Html View  1   2   3   4 
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

D8020L Datasheet (PDF) - Littelfuse



Similar Part No. - D8020L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
D8020L LITTELFUSE-D8020L Datasheet
103Kb / 4P
Teccor manufactures 15 A rms to 25 A rms rectifiers with voltages rated from 200V to 1000V
D8020L LITTELFUSE-D8020L Datasheet
598Kb / 5P
Silicon rectifiers that are excellent for DC phase control applications with motor loads.
logo
Inchange Semiconductor ...
D8020L ISC-D8020L Datasheet
354Kb / 2P
Rectifier Diode
logo
Littelfuse
D8020L59 LITTELFUSE-D8020L59 Datasheet
598Kb / 5P
Teccor brand Thyristors 15 / 20 / 25 Amp Rectifiers
D8020LTP LITTELFUSE-D8020LTP Datasheet
598Kb / 5P
Silicon rectifiers that are excellent for DC phase control applications with motor loads.
More results


Similar Description - D8020L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
2N687 IRF-2N687 Datasheet
208Kb / 7P
25 and 35 Amp RMS SCRs?
logo
Littelfuse
D2025 LITTELFUSE-D2025 Datasheet
103Kb / 4P
Teccor manufactures 15 A rms to 25 A rms rectifiers with voltages rated from 200V to 1000V
logo
Nihon Inter Electronics...
PHA15DW2RP NIEC-PHA15DW2RP Datasheet
313Kb / 3P
SSR - 240V 15/25A (RMS)
logo
New Jersey Semi-Conduct...
2N1909 NJSEMI-2N1909 Datasheet
131Kb / 1P
High Power Silicon Controlled Rectifier 110 A RMS 25 to 1200 Volts
logo
ON Semiconductor
2N5064G ONSEMI-2N5064G Datasheet
124Kb / 8P
SILICON CONTROLLED RECTIFIERS 0.8 A RMS, 30 ??200 V
September, 2011 ??Rev. 10
logo
Littelfuse
D8015L56 LITTELFUSE-D8015L56 Datasheet
598Kb / 5P
Teccor brand Thyristors 15 / 20 / 25 Amp Rectifiers
logo
Digitron Semiconductors
2N4212 DIGITRON-2N4212 Datasheet
124Kb / 2P
SILICON CONTROLLED RECTIFIERS 1.6 AMPS RMS, 25-400 VOLTS
logo
Vishay Siliconix
VS-2N681 VISHAY-VS-2N681 Datasheet
167Kb / 8P
Phase Control Thyristor RMS SCRs, 25 A, 35 A
19-Nov-15
logo
Fluke Corporation
353 FLUKE-353 Datasheet
485Kb / 3P
True-rms 2000 A Clamp Meters
logo
Vishay Siliconix
VS-2N681 VISHAY-VS-2N681_V01 Datasheet
167Kb / 8P
Phase Control Thyristor RMS SCRs, 25 A, 35 A
21-Sep-17
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com