Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT10040B2VR Datasheet (PDF) - Advanced Power Technology

Part # APT10040B2VR
Description  Identical Specifications: T-MAX or TO-264 Package
File Size   79.22 Kbytes
Html View  1   2   3   4 
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT10040B2VR Datasheet (PDF) - Advanced Power Technology



Similar Part No. - APT10040B2VR

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT10040B2VR ADPOW-APT10040B2VR Datasheet
39Kb / 2P
Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs
APT10040B2VR ADPOW-APT10040B2VR Datasheet
78Kb / 4P
Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs
APT10040B2VR ADPOW-APT10040B2VR_02 Datasheet
78Kb / 4P
Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs
More results


Similar Description - APT10040B2VR

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
74HC164 ESTEK-74HC164_1 Datasheet
363Kb / 6P
identical in pinout to the LS/ALS164
logo
Ohmite Mfg. Co.
C247-025 OHMITE-C247-025 Datasheet
309Kb / 2P
TO-247, TO-220 and TO-264 Package Heatsinks
logo
Projects Unlimited, Inc...
SMT-0540-T-7-R PUI-SMT-0540-T-7-R Datasheet
192Kb / 1P
SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL WITHOUT NOTICE.
SMT-0821-T-R PUI-SMT-0821-T-R Datasheet
166Kb / 1P
SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL WITHOUT NOTICE.
SMT-0825-S-2-R PUI-SMT-0825-S-2-R Datasheet
161Kb / 1P
SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL WITHOUT NOTICE.
logo
Advanced Power Technolo...
APT5010B2VRG ADPOW-APT5010B2VRG Datasheet
66Kb / 4P
New T-MAX??Package (Clip-mounted TO-247 Package)
logo
E-SWITCH
ST711055 E-SWITCH-ST711055 Datasheet
113Kb / 1P
RATING: 0.4VA MAX. @20V MAX. AC OR DC
logo
List of Unclassifed Man...
TC-2U35 ETC2-TC-2U35 Datasheet
162Kb / 5P
AC Input Voltage: 90 to 132 or 180 to 264 Auto selectable 50 to 60 Hz.
TC-2U40 ETC2-TC-2U40 Datasheet
165Kb / 5P
AC Input Voltage: 90 to 132 or 180 to 264 Auto selectable 50 to 60 Hz.
logo
THOR communications
H-MPEG2-H264-E THOR-H-MPEG2-H264-E Datasheet
573Kb / 1P
Convert Any Input Type to MPEG2 or H.264 Streams
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com