Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE45140 Datasheet (PDF) - Peregrine Semiconductor

Part # PE45140
Description  UltraCMOS짰 Power Limiter 20 MHz?? GHz
File Size   816.99 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE45140 Datasheet (PDF) - Peregrine Semiconductor



Similar Part No. - PE45140

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE45140 PASTERNACK-PE45140 Datasheet
356Kb / 3P
SMA Male Connector Clamp/Solder Attachment for RG58, RG303, LMR-195, PE-P195
More results


Similar Description - PE45140

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LML221 FILTRONIC-LML221 Datasheet
13Kb / 1P
2-20 GHz MMIC Limiter
logo
Peregrine Semiconductor
PE42359 PSEMI-PE42359 Datasheet
477Kb / 14P
SPDT UltraCMOS짰 RF Switch 10 MHz ??3 GHz
PE45450 PSEMI-PE45450 Datasheet
805Kb / 12P
UltraCMOS짰 Power Limiter
logo
TriQuint Semiconductor
TGM2543-SM TRIQUINT-TGM2543-SM Datasheet
890Kb / 11P
4-20 GHz Limiter/LNA
logo
Peregrine Semiconductor
PE42421SCAA-Z PSEMI-PE42421SCAA-Z Datasheet
385Kb / 9P
SPDT UltraCMOS짰 10 MHz ??3.0 GHz RF Switch
PE42423MLBA-Z PSEMI-PE42423MLBA-Z Datasheet
490Kb / 11P
UltraCMOS짰 SPDT RF Switch 100 MHz - 6 GHz
PE42641MLBC-Z PSEMI-PE42641MLBC-Z Datasheet
232Kb / 8P
SP4T UltraCMOS짰 RF Switch 100 MHz ??3.0 GHz
PE45361 PSEMI-PE45361 Datasheet
359Kb / 14P
Power Limiter, 10 MHz?? GHz
PE4314 PSEMI-PE4314_V01 Datasheet
727Kb / 27P
UltraCMOS짰 RF Digital Step Attenuator, 1 MHz??.5 GHz
(02/2017)
logo
Teledyne Technologies I...
TDLM025100 TELEDYNE-TDLM025100 Datasheet
2Mb / 13P
RF Power Limiter, 10 MHz–2.5 GHz
11/2019
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com