Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2102SH-T Datasheet (PDF) - Active-Semi, Inc

Part # ACT2102SH-T
Description  Wide 4.5V to 18V Operating Input Range
File Size   706.48 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2102SH-T Datasheet (PDF) - Active-Semi, Inc



Similar Part No. - ACT2102SH-T

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2102SH-T ACTIVE-SEMI-ACT2102SH-T Datasheet
707Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
More results


Similar Description - ACT2102SH-T

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8258GE RICHTEK-RT8258GE Datasheet
401Kb / 12P
Wide Operating Input Voltage Range : 4.5V to 24V
logo
ELMOS Semiconductor AG
E522.01 ELMOS-E522.01 Datasheet
1Mb / 25P
Wide input voltage range 4.5V to 40V
logo
Maxim Integrated Produc...
MAX17503 MAXIM-MAX17503 Datasheet
3Mb / 19P
Wide 4.5V to 60V Input Voltage Range
Rev 1; 4/14
logo
Rohm
BD9C401EFJ ROHM-BD9C401EFJ Datasheet
1Mb / 22P
4.5V to 18V Input, 4.0A Integrated MOSFET
BD9C501EFJ ROHM-BD9C501EFJ Datasheet
1,023Kb / 22P
4.5V to 18V Input, 5.0A Integrated MOSFET
BD9C601EFJ ROHM-BD9C601EFJ Datasheet
1,022Kb / 22P
4.5V to 18V Input, 6.0A Integrated MOSFET
logo
Maxim Integrated Produc...
MAXM15467 MAXIM-MAXM15467 Datasheet
747Kb / 10P
Wide 4.5V to 36V Input Range
Rev 0; 3/19
logo
Shenzhen Huazhimei Semi...
HM8114H HMSEMI-HM8114H Datasheet
749Kb / 8P
Wide 4.5V to 30V Operating input Range
logo
Guangdong Youtai Semico...
XL1509 UMW-XL1509 Datasheet
1Mb / 12P
Wide 4.5V to 40V Input Voltage Range
XL1509E UMW-XL1509E Datasheet
387Kb / 12P
Wide 4.5V to 40V Input Voltage Range
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com