Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9303 Datasheet (PDF) - Peregrine Semiconductor Corp.

Part # PE9303
Description  1.5 - 3.5 GHz Low Power UltraCMOS
File Size   211.6 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE9303 Datasheet (PDF) - Peregrine Semiconductor Corp.



Similar Part No. - PE9303

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9303 PEREGRINE-PE9303 Datasheet
167Kb / 6P
3.5 GHz Low Power CMOS Divide-by-8 Prescaler For RAD-Hard Applications
logo
Pasternack Enterprises,...
PE9303 PASTERNACK-PE9303 Datasheet
249Kb / 3P
SMC Plug to SMC Jack Right Angle Adapter
logo
Peregrine Semiconductor
PE9303 PSEMI-PE9303 Datasheet
211Kb / 9P
1.5 - 3.5 GHz Low Power UltraCMOS Divide-by-8 Prescaler Rad-hard for Space Application
logo
Peregrine Semiconductor...
PE9303-EK PEREGRINE-PE9303-EK Datasheet
167Kb / 6P
3.5 GHz Low Power CMOS Divide-by-8 Prescaler For RAD-Hard Applications
PE9303 PEREGRINE-PE9303_15 Datasheet
211Kb / 9P
Divide-by-8 Prescaler
More results


Similar Description - PE9303

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC316MS8 HITTITE-HMC316MS8 Datasheet
199Kb / 6P
GaAs MMIC HIGH IP3 DOUBLEBALANCED MIXER, 1.5 - 3.5 GHz
logo
Peregrine Semiconductor...
PE83501 PEREGRINE-PE83501_06 Datasheet
197Kb / 8P
3.5 GHz Low Power UltraCMOS Divide-by-2 Prescaler Military Operating Temperature Range
PE83502 PEREGRINE-PE83502_06 Datasheet
245Kb / 8P
3.5 GHz Low Power UltraCMOS Divide-by-4 Prescaler Military Operating Temperature Range
PE83503 PEREGRINE-PE83503_06 Datasheet
185Kb / 8P
3.5 GHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
logo
Johanson Technology Inc...
3550LP14A300 JOHANSON-3550LP14A300 Datasheet
126Kb / 2P
3.5 GHz Low Pass Filter
logo
Peregrine Semiconductor
PE9303 PSEMI-PE9303 Datasheet
211Kb / 9P
1.5 - 3.5 GHz Low Power UltraCMOS Divide-by-8 Prescaler Rad-hard for Space Application
PE97022 PSEMI-PE97022 Datasheet
561Kb / 14P
3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE97042 PSEMI-PE97042 Datasheet
461Kb / 11P
3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9304 PEREGRINE-PE9304 Datasheet
216Kb / 6P
1 GHz - 7 GHz Low Power UltraCMOS
logo
Peregrine Semiconductor
PE35400 PSEMI-PE35400 Datasheet
2Mb / 13P
UltraCMOS Divide-by-4 Prescaler, 3??3.5 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com