Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2USB3212 Datasheet (PDF) - Pericom Semiconductor Corporation

Part # PI2USB3212
Description  5.0 Gbps USB 3.0 Compatible Single Switch
File Size   63.03 Kbytes
Html View  1 
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2USB3212 Datasheet (PDF) - Pericom Semiconductor Corporation



Similar Part No. - PI2USB3212

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI2USB3212ZHEX PERICOM-PI2USB3212ZHEX Datasheet
894Kb / 8P
5.0Gbps USB 3.0 Compatible 2:1 Mux/DeMux Switch
PI2USB3212 PERICOM-PI2USB3212_14 Datasheet
894Kb / 8P
5.0Gbps USB 3.0 Compatible 2:1 Mux/DeMux Switch
More results


Similar Description - PI2USB3212

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8153 AD-AD8153 Datasheet
228Kb / 18P
Single Buffered Switch 3.2 Gbps
4/06-Revision 0
logo
Exar Corporation
XRP2525 EXAR-XRP2525 Datasheet
3Mb / 11P
Single/Dual Channel USB 3.0 Power Distribution Switch
logo
Alpha & Omega Semicondu...
AOZ1310 AOSMD-AOZ1310 Datasheet
519Kb / 11P
Single Channel USB Switch
AOZ1312 AOSMD-AOZ1312 Datasheet
743Kb / 13P
Single Channel USB Switch
logo
Pericom Semiconductor C...
PI2USB4122 PERICOM-PI2USB4122 Datasheet
1Mb / 6P
USB 3.0, 4:1 Mux/DeMux Switch
PI2USB3212 PERICOM-PI2USB3212_14 Datasheet
894Kb / 8P
5.0Gbps USB 3.0 Compatible 2:1 Mux/DeMux Switch
PI3EQX7742 PERICOM-PI3EQX7742 Datasheet
654Kb / 1P
5.0 Gbps, 2-port, (4-Channel) USB 3.0 ReDriver
logo
ON Semiconductor
FUSB340 ONSEMI-FUSB340 Datasheet
419Kb / 8P
USB 3.1 SuperSpeed 10 Gbps Switch
September 2017 Rev. 2
logo
Leopard Imaging Inc.
LI-USB30-AR0144X LEOPARD-LI-USB30-AR0144X Datasheet
454Kb / 2P
USB 3.0
logo
NXP Semiconductors
PTN36221A NXP-PTN36221A Datasheet
994Kb / 24P
Single-channel SuperSpeed USB 3.0 redriver
Rev. 2.1-25 August2015
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com