Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8153 Datasheet (PDF) - Analog Devices

AD8153 Datasheet PDF - Analog Devices
Part # AD8153
Download  AD8153 Download
File Size   228.59 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single Buffered Switch 3.2 Gbps

AD8153 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8153 Datasheet PDF - Analog Devices

Part # AD8153
Download  AD8153 Click to download

File Size   228.59 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single Buffered Switch 3.2 Gbps

AD8153 Datasheet (HTML) - Analog Devices


AD8153 Product details

GENERAL DESCRIPTION
The AD8153 is an asynchronous, protocol agnostic, single-lane 2:1 switch with three differential CML inputs and three differential CML outputs. The AD8159, another member of the Xstream line of products, is suitable for similar applications that require more than one lane.
The AD8153 is optimized for NRZ signaling with data rates of up to 3.2 Gbps per port. Each port offers two levels of input equalization and four levels of output pre-emphasis.

FEATURES
   Single lane 2:1 mux/1:2 demux
   3.2 Gbps to dc data rates
   Compensates over 40 inches of FR4 at 3.2 Gbps through
      Two levels of input equalization, or
      Four levels of output pre-emphasis
   Operates with ac- or dc-coupled differential I/O
   Low deterministic jitter, typically 16 ps p-p
   Low random jitter, typically 500 fs rms
   On-chip terminations
   Unicast or bicast on 1:2 demux function
   Loopback capability on all ports
   3.3 V core supply
   Flexible I/O supply
   Low power, typically 200 mW in basic configuration1
   32-lead LFCSP package
   −40°C to +85°C operating temperature range

APPLICATIONS
   Low cost redundancy switch
   SONET OC48/SDH16 and lower data rates
   Gigabit Ethernet over backplane
   Fibre Channel 1.06 Gbps and 2.12 Gbps over backplane
   Serial RapidIO
   PCI Express Gen 1
   Infiniband over backplane




Similar Part No. - AD8153

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8153 AD-AD8153 Datasheet
708Kb / 24P
3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
AD8153 AD-AD8153 Datasheet
652Kb / 24P
3.2 Gbps Single Buffered Mux/Demux Switch
Rev. A
AD8153-EVALZ AD-AD8153-EVALZ Datasheet
708Kb / 24P
3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
AD8153-EVALZ AD-AD8153-EVALZ Datasheet
652Kb / 24P
3.2 Gbps Single Buffered Mux/Demux Switch
Rev. A
AD8153ACPZ AD-AD8153ACPZ Datasheet
708Kb / 24P
3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
More results


Similar Description - AD8153

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8152 AD-AD8152 Datasheet
1Mb / 32P
34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
1/03-Data Sheet changed from REV. 0 to REV. A.
AD8159 AD-AD8159 Datasheet
595Kb / 24P
3.2 Gbps Quad Buffer Mux/Demux
4/06-Rev. 0 to Rev. A
logo
Broadcom Corporation.
BCM8040 BOARDCOM-BCM8040 Datasheet
194Kb / 2P
QUAD XAUI/CX4/LX4 1.0-3.2-GBPS RETIMER/SWITCH
logo
Analog Devices
AD8153 AD-AD8153_07 Datasheet
708Kb / 24P
3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
ADN2891ACP AD-ADN2891ACP Datasheet
611Kb / 16P
3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
logo
M/A-COM Technology Solu...
211X1-DSH-001-I MA-COM-211X1-DSH-001-I Datasheet
793Kb / 65P
72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch
logo
Analog Devices
AD8153 AD-AD8153_15 Datasheet
1Mb / 24P
Single Buffered Mux/Demux Switch
REV. 0
ADN2891 AD-ADN2891_15 Datasheet
611Kb / 16P
3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
logo
M/A-COM Technology Solu...
M21170 MA-COM-M21170 Datasheet
905Kb / 2P
3.2 Gbps 288x288 Crosspoint Switch
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com