Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3DC11F Datasheet (PDF) - PREMO CORPORATION S.L

Part # 3DC11F
Description  SMD Foam Label 3D Coil 13x11.6x4.2mm(2.38mH - 7.2mH) Low Prole
File Size   135.93 Kbytes
Html View  1 
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

3DC11F Datasheet (PDF) - PREMO CORPORATION S.L



Similar Part No. - 3DC11F

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
3DC1111 DBLECTRO-3DC1111 Datasheet
181Kb / 4P
SMD 3D Coil 11x11x3mm Low Profile
logo
PREMO CORPORATION S.L
3DC1111LP PREMO-3DC1111LP Datasheet
181Kb / 4P
SMD 3D Coil 11x11x3mm Low Profile
3DC11CAP-0238J PREMO-3DC11CAP-0238J Datasheet
506Kb / 2P
SMD 3D Coil 11x11x3.6 mm (7.2 mH - 2.38 mH) with cap
3DC11CAP-0247J PREMO-3DC11CAP-0247J Datasheet
506Kb / 2P
SMD 3D Coil 11x11x3.6 mm (7.2 mH - 2.38 mH) with cap
3DC11CAP-0345J PREMO-3DC11CAP-0345J Datasheet
506Kb / 2P
SMD 3D Coil 11x11x3.6 mm (7.2 mH - 2.38 mH) with cap
More results


Similar Description - 3DC11F

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
3DC1111LP PREMO-3DC1111LP Datasheet
181Kb / 4P
SMD 3D Coil 11x11x3mm Low Profile
3DC11LP PREMO-3DC11LP_14 Datasheet
130Kb / 1P
SMD 3D Coil 13x11.6x3.15 mm MAX (2.38 mH ??7.2 mH) Low prole
3DC11LPCAP PREMO-3DC11LPCAP Datasheet
136Kb / 1P
SMD CAP 3D Coil 13x12.8x3.7 mm (2.38 mH - 7.2 mH) Low Prole
3DC15 PREMO-3DC15 Datasheet
121Kb / 1P
SMD 3D Coil 17.5x15.5x3.8 mm MAX (2.47 mH ??10mH)
3DC15F PREMO-3DC15F Datasheet
130Kb / 1P
SMD Foam Label 3D Coil 17.5x15.5x5 mm MAX (2.47 mH ??7.2 mH)
3DC1515-HF PREMO-3DC1515-HF Datasheet
83Kb / 1P
SMD 3D Coil 17.5x16.0x4.0 mm MAX
KGEA-BFCAM PREMO-KGEA-BFCAM_14 Datasheet
91Kb / 1P
Keyless Go Emitter Antenna Low Prole Potted Unsealed & Sealed Connector
ZAC1203 PREMO-ZAC1203 Datasheet
68Kb / 1P
SMD Z AXIS AIR COIL Low Prole
logo
DB Lectro Inc
3DC1111 DBLECTRO-3DC1111 Datasheet
181Kb / 4P
SMD 3D Coil 11x11x3mm Low Profile
3DC1515 DBLECTRO-3DC1515 Datasheet
254Kb / 4P
SMD 3D Coil 15x15x4mm
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com