Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8J2 Datasheet (PDF) - Rohm

Part # SP8J2
Description  Switching (.30V, .4.5A)
File Size   71.59 Kbytes
Html View  1   2   3   4   5 
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8J2 Datasheet (PDF) - Rohm



Similar Part No. - SP8J2

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8J2 ROHM-SP8J2 Datasheet
66Kb / 5P
Switching (−30V, −4.5A)
SP8J2 ROHM-SP8J2 Datasheet
113Kb / 5P
4V Drive PchPch MOS FET
Rev.A
SP8J2FU6TB ROHM-SP8J2FU6TB Datasheet
113Kb / 5P
4V Drive PchPch MOS FET
Rev.A
SP8J2 ROHM-SP8J2_V01 Datasheet
113Kb / 5P
4V Drive PchPch MOS FET
Rev.A
More results


Similar Description - SP8J2

ManufacturerPart #DatasheetDescription
logo
Rohm
SP8K22 ROHM-SP8K22 Datasheet
150Kb / 5P
Switching (45V, 4.5A)
RTQ045N03 ROHM-RTQ045N03 Datasheet
130Kb / 4P
Switching (30V, 4.5A)
RRQ045P03FRA ROHM-RRQ045P03FRA Datasheet
777Kb / 14P
Pch -30V -4.5A Power MOSFET
RSQ045N03FRA ROHM-RSQ045N03FRA Datasheet
1Mb / 15P
Nch 30V 4.5A Power MOSFET
RTQ045N03FRA ROHM-RTQ045N03FRA_16 Datasheet
2Mb / 15P
Nch 30V 4.5A Small Signal MOSFET
RQ6E045BN ROHM-RQ6E045BN Datasheet
2Mb / 15P
Nch 30V 4.5A Power MOSFET
RTQ045N03HZG ROHM-RTQ045N03HZG Datasheet
2Mb / 15P
Nch 30V 4.5A Small Signal MOSFET
RRQ045P03HZG ROHM-RRQ045P03HZG Datasheet
2Mb / 15P
Pch -30V -4.5A Small Signal MOSFET
RW4E045AJ ROHM-RW4E045AJ Datasheet
2Mb / 14P
Nch 30V 4.5A Power MOSFET
20190328 - Rev.001
RW4E045AT ROHM-RW4E045AT Datasheet
2Mb / 14P
Pch -30V -4.5A Power MOSFET
20200227 - Rev.001
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com