Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1229AS-H-R68N Datasheet (PDF) - TOKO, Inc

Part # 1229AS-H-R68N
Description  Low profile (3.5 x 3.7mm square, 1.2 and 1.8mm Max. height).
File Size   110.79 Kbytes
Html View  1   2 
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

1229AS-H-R68N Datasheet (PDF) - TOKO, Inc



Similar Part No. - 1229AS-H-R68N

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
1229AS-H-R68N TOKO-1229AS-H-R68N Datasheet
252Kb / 1P
Ferrite Inductors
logo
Murata Manufacturing Co...
1229AS-H-R68N MURATA-1229AS-H-R68N Datasheet
740Kb / 2P
Inductor
More results


Similar Description - 1229AS-H-R68N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQP2 PANASONIC-EVQP2 Datasheet
123Kb / 2P
4.7 X 3.5 mm Square Light Touch Switches
logo
MTRONPTI
PP MTRONPTI-PP_08 Datasheet
403Kb / 2P
Surface Mount Crystals 3.5 x 6.0 x 1.2 mm
logo
ALPS ELECTRIC CO.,LTD.
SKRW ALPS-SKRW Datasheet
196Kb / 3P
3.7mm Square Low-profile (Surface Mount Type)
logo
Sumida Corporation
CDH20D10 SUMIDA-CDH20D10_10 Datasheet
434Kb / 4P
Small size inductor 2.2mm Max square and 1.1mm Max height
logo
Murata Manufacturing Co...
LQH55PN1R2NR0L MURATA-LQH55PN1R2NR0L Datasheet
237Kb / 7P
1616 size (4.0x4.0mm) Height 1.8mm max.
logo
List of Unclassifed Man...
PCMB104E ETC2-PCMB104E Datasheet
627Kb / 1P
Low profile (3.0mm max) and small size (7.3mm x 6.6mm)
logo
TOKO, Inc
DEM2810C TOKO-DEM2810C Datasheet
121Kb / 2P
Low profile (2.8 x 3.0mm square, 1.0/1.2/1.5/1.8mm
DEM8030C TOKO-DEM8030C Datasheet
124Kb / 2P
8.3 x 8.3mm Max. square, 3.0, 4.0, and 4.5mm Max. height.
DEM10050C TOKO-DEM10050C Datasheet
107Kb / 1P
10.3 x 10.3mm Max. square, 5.0mm Max. height.
logo
ALPS ELECTRIC CO.,LTD.
SKRW ALPS-SKRW_15 Datasheet
721Kb / 3P
3.7mm Square Low-profile (Surface Mount Type)
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com