Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFG93A_2015 Datasheet (PDF) - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFG93A_2015
Description  NPN 6 GHz wideband transistors
File Size   116.41 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFG93A_2015 Datasheet (PDF) - Quanzhou Jinmei Electronic Co.,Ltd.



Similar Part No. - BFG93A_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG93A-X NXP-BFG93A-X Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFG93A/X PHILIPS-BFG93A/X Datasheet
133Kb / 16P
NPN 6 GHz wideband transistors
1998 Sep 23
BFG93A/X NXP-BFG93A/X Datasheet
286Kb / 13P
NPN 6 GHz wideband transistors
Rev. 05-26 November 2007
logo
Vishay Siliconix
BFG93A VISHAY-BFG93A_08 Datasheet
103Kb / 4P
Silicon NPN Planar RF Transistor
08-Sep-08
logo
Quanzhou Jinmei Electro...
BFG93A JMNIC-BFG93A_15 Datasheet
116Kb / 16P
NPN 6 GHz wideband transistors
More results


Similar Description - BFG93A_2015

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG93A PHILIPS-BFG93A Datasheet
133Kb / 16P
NPN 6 GHz wideband transistors
1998 Sep 23
BFG94 PHILIPS-BFG94 Datasheet
100Kb / 13P
NPN 6 GHz wideband transistor
1998 Sep 23
BFQ270 PHILIPS-BFQ270 Datasheet
133Kb / 12P
NPN 6 GHz wideband transistor
September 1995
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
BFG67 NXP-BFG67 Datasheet
287Kb / 14P
NPN 8 GHz wideband transistors
Rev. 05-23 November 2007
BFG93A NXP-BFG93A Datasheet
286Kb / 13P
NPN 6 GHz wideband transistors
Rev. 05-26 November 2007
BFG520W NXP-BFG520W Datasheet
304Kb / 15P
NPN 9 GHz wideband transistors
Rev. 04-21 November 2007
logo
Quanzhou Jinmei Electro...
BFG93A JMNIC-BFG93A_15 Datasheet
116Kb / 16P
NPN 6 GHz wideband transistors
BFR93A JMNIC-BFR93A_15 Datasheet
101Kb / 12P
NPN 6 GHz wideband transistor
BFR93AR JMNIC-BFR93AR_15 Datasheet
95Kb / 13P
NPN 6 GHz wideband transistor
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com