| Manufacturer | Part # | Datasheet | Description |
 Tyco Electronics |
AM-AMC-155
|
223Kb / 3P |
High Dynamic Range Amplifier, 12.5 dB Gain, 300 - 1000 MHz
|
|
AM-153
|
216Kb / 2P |
Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
|
 M/A-COM Technology Solu... |
AM-153
|
64Kb / 2P |
Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
|
|
AM-155
|
83Kb / 3P |
High Dynamic Range Amplifier, 12.5 dB Gain, 300 - 1000 MHz
|
 KR Electronics, Inc. |
2961
|
59Kb / 3P |
300 MHz minimum 1 dB BW
|
|
2961-SMA
|
74Kb / 3P |
300 MHz minimum 1 dB BW
|
 NXP Semiconductors |
AN11293
|
372Kb / 19P |
BGA3012 - 5 MHz to 300 MHz 12 dB reverse amplifier
Rev. 1-14 February 2013 |
|
AN11294
|
371Kb / 19P |
BGA3015 - 5 MHz to 300 MHz 15 dB reverse amplifier
Rev. 1-14 February 2013 |
 Weidmuller |
1059000000
|
339Kb / 4P |
W-Series, End bracket
October 6, 2021 |
 TRACO Electronic AG |
TFI300
|
325Kb / 4P |
TFI 300 Series, 300 Watt
Rev. July 7, 2021 |