Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1F60 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

Part # D1F60
Description  Rectifiers Diodes
File Size   1743.58 Kbytes
Html View  1   2 
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

D1F60 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd



Similar Part No. - D1F60

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1F60 SHINDENGEN-D1F60 Datasheet
322Kb / 6P
General Purpose Rectifiers(600V 1A)
logo
Shenzhen Taychipst Elec...
D1F60 TAYCHIPST-D1F60 Datasheet
1Mb / 2P
General Purpose Rectifiers
logo
Shindengen Electric Mfg...
D1F60 SHINDENGEN-D1F60 Datasheet
198Kb / 2P
Rectifier Diode 600V 1A
D1F60 SHINDENGEN-D1F60 Datasheet
652Kb / 6P
General Rectifying Diodes 600V, 1.0A
Rev.02 2020.06
D1F60-5063 SHINDENGEN-D1F60-5063 Datasheet
383Kb / 3P
600V 1A
More results


Similar Description - D1F60

ManufacturerPart #DatasheetDescription
logo
Semikron International
SB320 SEMIKRON-SB320 Datasheet
133Kb / 2P
Schottky barrier rectifiers diodes
SB1220TL SEMIKRON-SB1220TL Datasheet
381Kb / 2P
Schottky barrier rectifiers diodes
SB2020TL SEMIKRON-SB2020TL Datasheet
366Kb / 2P
Schottky barrier rectifiers diodes
SB3020 SEMIKRON-SB3020 Datasheet
523Kb / 2P
Schottky barrier rectifiers diodes
logo
Diotec Semiconductor
RA2505 DIOTEC-RA2505 Datasheet
156Kb / 2P
Silicon-Rectifiers - Button Diodes
logo
Guangdong Kexin Industr...
DB101S KEXIN-DB101S Datasheet
558Kb / 2P
Rectifiers Diodes
KLL4001 KEXIN-KLL4001_15 Datasheet
349Kb / 1P
Rectifiers Diodes
logo
Diotec Semiconductor
RA2505 DIOTEC-RA2505_15 Datasheet
231Kb / 2P
Silicon-Rectifiers - Button Diodes
logo
SUNMATE electronic Co.,...
BYG24D SUNMATE-BYG24D Datasheet
373Kb / 2P
FAST AVALANCHE RECTIFIERS DIODES
BR305 SUNMATE-BR305 Datasheet
382Kb / 2P
BRIDGE RECTIFIERS DIODES
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com