Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U280002C12 Datasheet (PDF) - Tripp Lite. All Rights Reserved

Part # U280002C12
Description  Dual USB Tablet - Phone Car Charger, 5V - 3.1A
File Size   504.88 Kbytes
Html View  1   2 
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U280002C12 Datasheet (PDF) - Tripp Lite. All Rights Reserved



Similar Part No. - U280002C12

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U280001C2 TRIPPLITE-U280001C2 Datasheet
496Kb / 2P
USB Tablet - Phone Car Charger, 5V - 2.4A
U280004OTG TRIPPLITE-U280004OTG Datasheet
510Kb / 2P
4-Port USB Tablet - SmartPhone Charging Station with OTG Hub
More results


Similar Description - U280002C12

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U280001C2 TRIPPLITE-U280001C2 Datasheet
496Kb / 2P
USB Tablet - Phone Car Charger, 5V - 2.4A
U280-001-C2 TRIPPLITE-U280-001-C2 Datasheet
506Kb / 2P
USB Tablet / Phone Car Charger, 5V 2.4A / 12W
U280-002-C12 TRIPPLITE-U280-002-C12 Datasheet
516Kb / 2P
Dual USB Tablet / Phone Car Charger, 5V 3.1A / 15.5W
logo
Shenzhen Huazhimei Semi...
HM1494 HMSEMI-HM1494 Datasheet
475Kb / 6P
Car charger
logo
Tripp Lite. All Rights ...
U280-C02-C1A1 TRIPPLITE-U280-C02-C1A1 Datasheet
162Kb / 3P
Dual-Port USB Car Charger with PD Charging - USB Type C (27W) & USB Type A (5V 1A/5W), UL 2089
U280-C02-S2 TRIPPLITE-U280-C02-S2 Datasheet
162Kb / 2P
Dual-Port USB Car Charger for Tablets and Cell Phones, 5V 4.8A (24W)
U280-C02-S-QC3U TRIPPLITE-U280-C02-S-QC3U Datasheet
160Kb / 3P
USB Car Charger, Quick Charge - Dual USB-A 3.0, UL 2089 Certified
logo
IOGEAR
GPAC2U4 IOGEAR-GPAC2U4 Datasheet
144Kb / 3P
GearPower Dual USB 4.2A Car Charger
logo
Pepperl+Fuchs Inc.
CCS01-R PF-CCS01-R Datasheet
116Kb / 1P
Car charger
logo
Tripp Lite. All Rights ...
U280-C01-25-1B TRIPPLITE-U280-C01-25-1B Datasheet
167Kb / 3P
USB Car Charger - 25W PD Charging, USB-C, Black
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com