Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1494 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1494 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM1494
Download  HM1494 Download
File Size   475.32 Kbytes
Page   6 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description Car charger

HM1494 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM1494 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1494
Download  HM1494 Click to download

File Size   475.32 Kbytes
Page   6 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description Car charger

HM1494 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM1494 Product details

product description
HM1494 is a pulse width modulation step-down power management integrated circuit that meets the QC 2.0 fast charge protocol, and its built-in output Output constant current and constant voltage function, and adopt non-synchronous rectification technology, the conversion efficiency can reach up to 92%, HM1494 can support 5V, 9V Two voltage outputs.
HM1494 Built-in line loss compensation function and provide stable voltage output, and built-in a variety of protection functions, such as VDD over voltage protection, VDD under voltage lockout, over temperature protection, over current protection and short circuit protection and other functions. HM1494 It has the function of automatically detecting whether the connected power device supports Qualcomm 2.0 fast charge, such as power device support Qualcomm Quick Charge 2.0 protocol, HM1494 is to complete the quick charging process by adjusting the output voltage, such as the connected power device Qualcomm Quick Charge 2.0 protocol is not supported. HM1494 means the default output is 5V, and charging is in normal charging mode. The HM1494 package adopts SOP-8, which has a small package size and few peripheral components. It is suitable for small-volume USB fast charging applications and Power scheme.

Features
■Support Qualcomm 2.0 fast charge protocol, support Type A and Type B interface
■Support 5V and 9V output voltage
■Compatible with USB battery charging BC1.2 specification
   1), USB charging port D+/D- automatic short circuit function
   2), the default 5V working mode
■Input voltage range: 8V-36V
■Fixed working frequency: 150KHZ
■Maximum output current 3.0A
■Output voltage accuracy:  3%
■Output current accuracy:  5%
■Built-in programmable line loss compensation function
■Built-in output over-voltage protection function
■Built-in input undervoltage protection function
■Built-in soft start function
■Built-in over-temperature protection function
■Built-in overcurrent protection function
■Built-in output short-circuit protection function
■Available in SOP-8 package

Applications
■Car charger
■Charger supporting QC 2.0 fast charging protocol
■DC-DC power supply




Similar Part No. - HM1494

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1495 HMSEMI-HM1495 Datasheet
1Mb / 11P
Car charger
HM1496 HMSEMI-HM1496 Datasheet
1Mb / 11P
Car charger
HM1497 HMSEMI-HM1497 Datasheet
1Mb / 7P
36V standoff, 2.5A Step-Down DCDC Converter with Quick Charge Protocol
HM1498 HMSEMI-HM1498 Datasheet
1Mb / 14P
30V, 3.1A Monolithic Buck Converter with Port Controller
More results


Similar Description - HM1494

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U280001C2 TRIPPLITE-U280001C2 Datasheet
496Kb / 2P
USB Tablet - Phone Car Charger, 5V - 2.4A
U280002C12 TRIPPLITE-U280002C12 Datasheet
504Kb / 2P
Dual USB Tablet - Phone Car Charger, 5V - 3.1A
U280-001-C2 TRIPPLITE-U280-001-C2 Datasheet
506Kb / 2P
USB Tablet / Phone Car Charger, 5V 2.4A / 12W
U280-002-C12 TRIPPLITE-U280-002-C12 Datasheet
516Kb / 2P
Dual USB Tablet / Phone Car Charger, 5V 3.1A / 15.5W
logo
Shenzhen Huazhimei Semi...
HM1495 HMSEMI-HM1495 Datasheet
1Mb / 11P
Car charger
HM1496 HMSEMI-HM1496 Datasheet
1Mb / 11P
Car charger
HM3514 HMSEMI-HM3514 Datasheet
441Kb / 7P
Car charger
logo
IOGEAR
GPAC2U4 IOGEAR-GPAC2U4 Datasheet
144Kb / 3P
GearPower Dual USB 4.2A Car Charger
logo
Pepperl+Fuchs Inc.
CCS01-R PF-CCS01-R Datasheet
116Kb / 1P
Car charger
logo
Tripp Lite. All Rights ...
U280-C01-25-1B TRIPPLITE-U280-C01-25-1B Datasheet
167Kb / 3P
USB Car Charger - 25W PD Charging, USB-C, Black
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com