Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1497 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1497 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM1497
Download  HM1497 Download
File Size   1418.3 Kbytes
Page   7 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 36V standoff, 2.5A Step-Down DCDC Converter with Quick Charge Protocol

HM1497 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM1497 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1497
Download  HM1497 Click to download

File Size   1418.3 Kbytes
Page   7 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description 36V standoff, 2.5A Step-Down DCDC Converter with Quick Charge Protocol

HM1497 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM1497 Product details

DESCRIPTION
The HM1497 is a 36V standoff, 4.5-28V wide input range step-down DCDC converter, with 2.5A output current capability. It also integrate the most popular quick charge protocol, QC 2.0 and MTK PE+, making itself a perfect and compact solution for Car Charger.
HM1497 is also very flexible for different application with frequency, and current limit programmable. It has perfect CV and CC characteristics, and cord-resistance compensation.
HM1497 is housed in an ESOP8 package.

FEATURES
◆ 36V standoff
◆ 4.5 – 28V wide range of working input voltage
◆ Up to 96% converting efficiency
◆ QC2.0 and MTK PE+
◆ Frequency and current limit programmable
◆ Cord-resistance compensation
◆ 99% duty cycle for 12V output at 12V input
◆ No External Sense resistor for current limit

APPLICATIONS
● Car Charger




Similar Part No. - HM1497

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1494 HMSEMI-HM1494 Datasheet
475Kb / 6P
Car charger
HM1495 HMSEMI-HM1495 Datasheet
1Mb / 11P
Car charger
HM1496 HMSEMI-HM1496 Datasheet
1Mb / 11P
Car charger
HM1498 HMSEMI-HM1498 Datasheet
1Mb / 14P
30V, 3.1A Monolithic Buck Converter with Port Controller
More results


Similar Description - HM1497

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2467 MPS-MP2467 Datasheet
476Kb / 17P
2.5A, 36V, 500kHz Step-Down Converter
MP4460 MPS-MP4460 Datasheet
451Kb / 18P
2.5A, 4MHz, 36V Step-Down Converter
MPQ4460 MPS-MPQ4460 Datasheet
411Kb / 18P
Industrial Grade, 2.5A, 4MHz, 36V Step-Down Converter
logo
ACE Technology Co., LTD...
ACE735E ACE-ACE735E Datasheet
1Mb / 10P
36V Input Standoff Voltage, 1.5A Step-Down Converter
VER 1.1
logo
Lowpower Semiconductor ...
LP6482S POWER-LP6482S Datasheet
973Kb / 10P
340KHz, 36V/2.5A Step-down Converter With Soft-Start
logo
Monolithic Power System...
MP2454 MPS-MP2454 Datasheet
677Kb / 19P
36V, 0.6A Step-Down Converter
MP2496M MPS-MP2496M Datasheet
620Kb / 17P
2.5A, 36V, Frequency Selectable Step-Down Converter with Single USB Charging Port
EV2496M-R-00A MPS-EV2496M-R-00A Datasheet
450Kb / 6P
2.5A, 36V, Frequency Selectable Step-Down Converter with Singel USB Charging Port
EVQ4491M-RE-00A MPS-EVQ4491M-RE-00A Datasheet
408Kb / 6P
2.5A, 36V, Frequency Selectable Step-Down Converter with Single USB Charging Port
logo
Mitsumi Electronics, Co...
MM3370 MITSUMI-MM3370 Datasheet
1Mb / 10P
High Voltage Operation Step-down DCDC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com