Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6482S Datasheet (PDF) - Lowpower Semiconductor inc

LP6482S Datasheet PDF - Lowpower Semiconductor inc
Part # LP6482S
Download  LP6482S Download
File Size   973.74 Kbytes
Page   10 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description 340KHz, 36V/2.5A Step-down Converter With Soft-Start

LP6482S Datasheet (PDF)

Go To PDF Page Download Datasheet
LP6482S Datasheet PDF - Lowpower Semiconductor inc

Part # LP6482S
Download  LP6482S Click to download

File Size   973.74 Kbytes
Page   10 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description 340KHz, 36V/2.5A Step-down Converter With Soft-Start

LP6482S Datasheet (HTML) - Lowpower Semiconductor inc




Similar Part No. - LP6482S

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6480 POWER-LP6480 Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
More results


Similar Description - LP6482S

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6341 POWER-LP6341 Datasheet
549Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
LP6301 POWER-LP6301 Datasheet
920Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
logo
Eutech Microelectronics...
EUP3010 EUTECH-EUP3010 Datasheet
778Kb / 12P
1.5MHz,1A Synchronous Step-Down Converter with Soft Start
EUP3412 EUTECH-EUP3412 Datasheet
509Kb / 11P
1.5A/1.5MHz, Synchronous Step-Down Converter with Soft Start
EUP3418 EUTECH-EUP3418 Datasheet
101Kb / 1P
1.5MHz, 1A Synchronous Step-Down Converter with Soft Start
logo
Monolithic Power System...
MP2467 MPS-MP2467 Datasheet
476Kb / 17P
2.5A, 36V, 500kHz Step-Down Converter
MP4460 MPS-MP4460 Datasheet
451Kb / 18P
2.5A, 4MHz, 36V Step-Down Converter
MPQ4460 MPS-MPQ4460 Datasheet
411Kb / 18P
Industrial Grade, 2.5A, 4MHz, 36V Step-Down Converter
logo
Fitipower Integrated Te...
FR9886 FITIPOWER-FR9886 Datasheet
1Mb / 14P
23V, 2.5A, 340KHz Synchronous Step-Down DC/DC Converter
FR9886D FITIPOWER-FR9886D Datasheet
1Mb / 15P
23V, 2A/2.5A, 340KHz Synchronous Step-Down DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com