Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6482S Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP6482S
Description  340KHz, 36V/2.5A Step-down Converter With Soft-Start
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6482S Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP6482S Datasheet HTML 1Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 2Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 3Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 4Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 5Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 6Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 7Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 8Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LP6482S-02
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 10
Preliminary Datasheet
LP6482S
Functional Pin Description
Package Type
Pin Configurations
SOP-8 / ESOP-8
SW
GND
1
2
3
4
5
6
7
8
VIN
BS
BS
VIN
SW
GND
SS
SS
EN
EN
COMP
COMP
FB
FB
EXPOSED
PAD
CONNECT
TO
PAD
SOP-8(Top View)
ESOP-8(Top View)
Pin Description
Pin
Name
Description
1
BS
High-Side Gate Drive Boost Input. Connect a 0.01uF or greater capacitor from SW to BS
to power the high side switch.
2
VIN
Supply Input.
3
SW
Switch Mode Connection to Inductor. This pin connects to the drains of the internal main
and synchronous power MOSFET switches.
4
GND
Ground.
5
FB
Feedback Input. Connect FB to the center point of the external resistor divider. Normal
voltage for this pin is 0.923V.
6
COMP
Loop compensation input. Connect a series RC network from COMP to GND to
Compensate the regulation control loop.
7
EN
Enable Control Input. Drive EN above 2.5V to turn on the Channel. Drive EN below 0.4V
to turn it off (shutdown current < 0.1µA).
8
SS
Soft-start control input. Connect an external capacitor to program the soft-start. If
unused, leave it open, which means internal soft-start function.
9
E-Pad
Exposed Pad. The pin connect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com