Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6482S Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP6482S
Description  340KHz, 36V/2.5A Step-down Converter With Soft-Start
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6482S Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP6482S Datasheet HTML 1Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 2Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 3Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 4Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 5Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 6Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 7Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 8Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LP6482S-02
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 10
Preliminary Datasheet
LP6482S
Absolute Maximum Ratings
Note 1
Input Voltage to GND --------------------------------------------------------------------------------------------------------- 36V
SW\BS to GND (VSW) ------------------------------------------------------------------------------------ -0.3V to VIN +0.3V
FB to GND (VFB) ---------------------------------------------------------------------------------------------------- -0.3V to 6V
EN to GND (VEN) ---------------------------------------------------------------------------------------------------- -0.3V to 6V
COMP\SS to GND (VEN) ------------------------------------------------------------------------------------------ -0.3V to 6V
Junction Temperature ----------------------------------------------------------------------------------------------------- 150°C
Storage Temperature ------------------------------------------------------------------------------------------ -65℃ to 165℃
Operating Ambient Temperature Range (TA) -------------------------------------------------------------- -40℃ to 85°C
Maximum Soldering Temperature (at leads, 10sec) --------------------------------------------------------------- 260℃
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Thermal Information
Maximum Power Dissipation (SOP8, PD,TA=25°C) ----------------------------------------------------------------- 1.5W
Thermal Resistance (SOP8, θJA) ------------------------------------------------------------------------------------- 80℃/W
Maximum Power Dissipation (ESOP8, PD,TA=25°C) ----------------------------------------------------------------- 2W
Thermal Resistance (ESOP8, θJA) ----------------------------------------------------------------------------------- 50℃/W
ESD Susceptibility
HBM(Human Body Mode) -------------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) --------------------------------------------------------------------------------------------------------- 200V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com