Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6482S Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6482S
Description  340KHz, 36V/2.5A Step-down Converter With Soft-Start
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6482S Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6482S Datasheet HTML 1Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 2Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 3Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 4Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 5Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 6Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 7Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 8Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LP6482S-02
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 10
Preliminary Datasheet
LP6482S
340KHz, 36V/2.5A Step-down Converter With Soft-Start
General Description
The LP6482S contains an independent 340KHz
constant frequency, current mode, PWM step-down
converters. The converter integrates a main switch
and a synchronous rectifier for high efficiency
without an external Schottky diode. The converter
can supply 2500mA of load current. The LP6482S
can also run at 90% duty cycle for low dropout
applications.
It
provides
fast
transient
response
and
cycle-by-cycle limit with current mode control. And
adjustable soft start prevents inrush current at turn
on and the supply current drops below 0.1uA in
shutdown mode.
The LP6482S is available in a SOP8 and ESOP8
package and is rated over the -40°C to 85°C
temperature range.
Order Information
LP6482S □ □ □
F: Pb-Free
Package Type
SO: SOP8
SP: ESOP-8
Features
Input Voltage Range: 4.5V to 36V
Output Voltage Range: 0.6V to 12V
2500mA Load Current (LP6482SSPF)
Up to 96% Efficiency
<6uA Shutdown Current
340KHz Switching Frequency
Short Circuit Protection
Thermal Fault Protection
SOP8 Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Portable Media Players
Cellular and Smart mobile phone
PDA/DSC
GPS Applications
Marking Information
Device
Marking
Package
Shipping
LP6482S
LPS
LP6482S
YWX
SO:SOP-8
SP:ESOP-8
3K/REEL
Y: Year code. W: Week code. X: Batch numbers.


Similar Part No. - LP6482S

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6480 POWER-LP6480 Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
More results

Similar Description - LP6482S

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6341 POWER-LP6341 Datasheet
549Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
LP6301 POWER-LP6301 Datasheet
920Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
logo
Eutech Microelectronics...
EUP3010 EUTECH-EUP3010 Datasheet
778Kb / 12P
1.5MHz,1A Synchronous Step-Down Converter with Soft Start
EUP3412 EUTECH-EUP3412 Datasheet
509Kb / 11P
1.5A/1.5MHz, Synchronous Step-Down Converter with Soft Start
EUP3418 EUTECH-EUP3418 Datasheet
101Kb / 1P
1.5MHz, 1A Synchronous Step-Down Converter with Soft Start
logo
Monolithic Power System...
MP2467 MPS-MP2467 Datasheet
476Kb / 17P
2.5A, 36V, 500kHz Step-Down Converter
MP4460 MPS-MP4460 Datasheet
451Kb / 18P
2.5A, 4MHz, 36V Step-Down Converter
MPQ4460 MPS-MPQ4460 Datasheet
411Kb / 18P
Industrial Grade, 2.5A, 4MHz, 36V Step-Down Converter
logo
Fitipower Integrated Te...
FR9886 FITIPOWER-FR9886 Datasheet
1Mb / 14P
23V, 2.5A, 340KHz Synchronous Step-Down DC/DC Converter
FR9886D FITIPOWER-FR9886D Datasheet
1Mb / 15P
23V, 2A/2.5A, 340KHz Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com