Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6482S Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6482S
Description  340KHz, 36V/2.5A Step-down Converter With Soft-Start
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6482S Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6482S Datasheet HTML 1Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 2Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 3Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 4Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 5Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 6Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 7Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 8Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LP6482S-02
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 10
Preliminary Datasheet
LP6482S
Typical Application Circuit
LP6482S(SOP-8) application circuit
LP6482S(ESOP-8) application circuit
Function Diagram
VIN
2
SW 3
BS
1
FB
5
COMP 6
EN
7
SS
8
GND
4/9
10uH
10nF
22uF×2
10nF
0.1uF
22uF
500K
6.8K
R2
R1
VIN
5V
VOUT=(R1/R2+1)*VFB
1uF
VIN
2
SW 3
BS
1
FB
5
COMP 6
EN
7
SS
8
GND
4
10uH
10nF
22uF×2
10nF
0.1uF
22uF
500K
6.8K
R2
R1
VIN
5V
VOUT=(R1/R2+1)*VFB
1uF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com