Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6482S Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP6482S
Description  340KHz, 36V/2.5A Step-down Converter With Soft-Start
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6482S Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP6482S Datasheet HTML 1Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 2Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 3Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 4Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 5Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 6Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 7Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 8Page - Lowpower Semiconductor inc LP6482S Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LP6482S-02
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 10
Preliminary Datasheet
LP6482S
Electrical Characteristics
VIN=12V, VEN=5V, TA=25℃, unless otherwise noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Input Voltage
4.5
36
V
∆VOUT
Output Voltage Line Regulation
ILOAD=1mA to 2000mA
0.3
0.6
%/V
∆VFB
Reference Voltage Line Regulation
VIN=5V to 30V, VEN=5V
0.25
0.4
%/V
VOUT
Output Voltage Range
0.923
12
V
IQ
Quiescent Current
VIN=12V
15
mA
ISHDN
Shutdown Current
EN=GND
1
µA
ILIM
P-Channel Current Limit
3
A
RDS(ON)_H
High-Side Switch On Resistance
85
mΩ
RDS(ON)_L
Low-Side Switch On Resistance
80
mΩ
ILX_LEAK
LX Leakage Current
VEN=0V, VSW=0 or 5V, VIN=5V
1
µA
VFB
Feedback Threshold Voltage Accuracy
VIN=12V
0.895
0.923
0.951
V
IFB
FB Leakage Current
VOUT=5.0V
30
nA
fOSC
Oscillator Frequency
340
KHz
tS
Startup Time
From Enable to Output Regulation
120
µs
TSD
Over-Temperature Shutdown Threshold
150
℃
THYS
Over-Temperature Shutdown Hysteresis
20
℃
VEN(L)
Enable Threshold Low
0.4
V
VEN(H)
Enable Threshold High
2.5
6
V
IEN
Input Low Current
VIN=12V, VEN=5V
1
µA
Note: Output Voltage: VOUT = VFB × ( 1 + R1 / R2 ) Volts;



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com