Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1496 Datasheet (PDF) - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1496 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd
Part # HM1496
Download  HM1496 Download
File Size   1174.86 Kbytes
Page   11 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description Car charger

HM1496 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM1496 Datasheet PDF - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1496
Download  HM1496 Click to download

File Size   1174.86 Kbytes
Page   11 Pages
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd
Description Car charger

HM1496 Datasheet (HTML) - Shenzhen Huazhimei Semiconductor Co., Ltd


HM1496 Product details

Overview
HM1496 is a synchronous buck converter chip that supports multiple fast charging protocols and Type C output. It integrates 3.5A high-efficiency simultaneous Step-down converter, CC/CV mode, QC3.0/PE fast charge protocol, Type C protocol and corresponding management logic. Peripheral only needs a small amount A complete high-performance QC3.0/PE fast charging Type C car charger solution can be formed.
HM1496 supports single and dual port output, supports two working modes: dual port mode and single port mode, these two modes can be set through Pin Mode.

Specification
• Synchronous buck converter
   ▶Output current up to 3.5A
   ▶The N power tube can be expanded to 5A under external expansion
   ▶Input voltage range 6~40V
   ▶Support CC/CV mode
   ▶Support line loss compensation
   ▶Support spread spectrum
• Type C output
   ▶Dual port mode and single port mode
   ▶Support DFP/Source role
   ▶Support broadcasting 1.5A/3A
• QC3.0 fast charge
   ▶Support QC2.0/QC3.0
   ▶Support Class A/Class B
• PE fast charge
   ▶Support PE+
   ▶Support 3.6~12V output
• BC1.2 module
   ▶Support BC1.2 DCP mode
   ▶Support Apple/Samsung high current charging mode recognition
• protection mechanism
   ▶Soft start
   ▶Input overvoltage protection
   ▶Input undervoltage protection
   ▶Output overcurrent protection
   ▶Output short circuit protection
   ▶Over temperature protection
• QFN-28(4x4mm) package




Similar Part No. - HM1496

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1494 HMSEMI-HM1494 Datasheet
475Kb / 6P
Car charger
HM1495 HMSEMI-HM1495 Datasheet
1Mb / 11P
Car charger
HM1497 HMSEMI-HM1497 Datasheet
1Mb / 7P
36V standoff, 2.5A Step-Down DCDC Converter with Quick Charge Protocol
HM1498 HMSEMI-HM1498 Datasheet
1Mb / 14P
30V, 3.1A Monolithic Buck Converter with Port Controller
More results


Similar Description - HM1496

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U280001C2 TRIPPLITE-U280001C2 Datasheet
496Kb / 2P
USB Tablet - Phone Car Charger, 5V - 2.4A
U280002C12 TRIPPLITE-U280002C12 Datasheet
504Kb / 2P
Dual USB Tablet - Phone Car Charger, 5V - 3.1A
U280-001-C2 TRIPPLITE-U280-001-C2 Datasheet
506Kb / 2P
USB Tablet / Phone Car Charger, 5V 2.4A / 12W
U280-002-C12 TRIPPLITE-U280-002-C12 Datasheet
516Kb / 2P
Dual USB Tablet / Phone Car Charger, 5V 3.1A / 15.5W
logo
Shenzhen Huazhimei Semi...
HM1494 HMSEMI-HM1494 Datasheet
475Kb / 6P
Car charger
HM1495 HMSEMI-HM1495 Datasheet
1Mb / 11P
Car charger
HM3514 HMSEMI-HM3514 Datasheet
441Kb / 7P
Car charger
logo
IOGEAR
GPAC2U4 IOGEAR-GPAC2U4 Datasheet
144Kb / 3P
GearPower Dual USB 4.2A Car Charger
logo
Pepperl+Fuchs Inc.
CCS01-R PF-CCS01-R Datasheet
116Kb / 1P
Car charger
logo
Tripp Lite. All Rights ...
U280-C01-25-1B TRIPPLITE-U280-C01-25-1B Datasheet
167Kb / 3P
USB Car Charger - 25W PD Charging, USB-C, Black
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com